Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1188Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DB1188Q
Description  40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188Q Datasheet(HTML) 4 Page - Diodes Incorporated

  2DB1188Q Datasheet HTML 1Page - Diodes Incorporated 2DB1188Q Datasheet HTML 2Page - Diodes Incorporated 2DB1188Q Datasheet HTML 3Page - Diodes Incorporated 2DB1188Q Datasheet HTML 4Page - Diodes Incorporated 2DB1188Q Datasheet HTML 5Page - Diodes Incorporated 2DB1188Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2DB1188P/Q/R
Document number: DS31144 Rev. 5 - 2
4 of 6
www.diodes.com
November 2011
© Diodes Incorporated
2DB1188P/Q/R
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
BVCBO
-40
⎯
⎯
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-32
⎯
⎯
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
⎯
⎯
V
IE = -50μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
-1
μA
VCB = -20V, IE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
-1
μA
VEB = - 4V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
-0.35
-0.8
V
IC = -2A, IB = -0.2A
DC Current Gain
2DB1188P
hFE
82
⎯
180
⎯
VCE = -3V, IC = -0.5A
2DB1188Q
120
270
2DB1188R
180
390
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
⎯
120
⎯
MHz
VCE = -5V, IC = -0.1A,
f = 30MHz
Output Capacitance
Cobo
⎯
20
⎯
pF
VCB = -10V, f = 1MHz
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
01
2
3
4
5
-V
, COLLECTOR EMITTER VOLTAGE (V)
CE
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 2 Typical DC Current Gain
vs. Collector Current (2DB1188Q)
0
50
100
150
200
250
300
350
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -3V
CE
0.0001
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 3 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.6
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
0
0.2
0.4
0.6
0.8
1.0
1.2
0.0001
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = 85°C
A
T = 150°C
A
T = -55°C
A
T = 25°C
A
V
= -3V
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com