Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBXREF22 Datasheet(PDF) 5 Page - Dialight Corporation

Part # HBXREF22
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXREF22 Datasheet(HTML) 5 Page - Dialight Corporation

  HBXREF22 Datasheet HTML 1Page - Dialight Corporation HBXREF22 Datasheet HTML 2Page - Dialight Corporation HBXREF22 Datasheet HTML 3Page - Dialight Corporation HBXREF22 Datasheet HTML 4Page - Dialight Corporation HBXREF22 Datasheet HTML 5Page - Dialight Corporation HBXREF22 Datasheet HTML 6Page - Dialight Corporation HBXREF22 Datasheet HTML 7Page - Dialight Corporation HBXREF22 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.dialight.com
DuroSite® Series LED High Bay Fixture
Ordering Information
Notes for all versions:
1 Part numbers listed in the above table are cool white. For neutral white version replace the 4th character with N Ex: HB1C4N become HB1N4N.
2 Initial fixture lumens based on temperatures up to 113°F (45°C).
3 Units meet IP-66 when installed using conduit or an IP66 approved cable gland at the 3/4 NPT. Dialight offers IP-66 approved cable glands as part
of accessories HBXW2 and HBXCG.
Notes for standard versions only:
4 Part numbers listed in the table above are 100-277V AC. For 347-480V AC version replace the 5th character with a 5. EX: HB1C4N (100-277VAC)
becomes HB1C5N (347-480V AC). For 17,500lm, 347-480V AC versions replace 5th character becomes a T. EX: HBGCMP (100- 277V AC) becomes
HBGCTP (347-480V AC).
5 Part numbers listed in the tables above come with a flat lens. For models with polycarbonate flat lens they can be ordered with a polycarbonate
dome lens; replace 3rd character with a L Ex: HB2C4M becomes HBLC4M .
Part
Number1,4
Initial
Fixture
Lumens2
Wattage
Lumens
Per Watt
UL-1598A
IP-66, NEMA - 4X
CSA 22.2 #250
Marine Wet Locations3
Lens5
Optical Pattern
Clear
Diffused
Circular
Aisle
HBGCMP
17,500
172
101
•
Tempered Glass
•
HBGC4P
14,500
161
90
•
Tempered Glass
•
HB2C4P
12,000
153
78
•
Polycarbonate
•
HB0C4P
11,500
153
75
•
Polycarbonate
•
HB1C4N
11,500
146
79
Acrylic
•
HB6C4M
11,500
146
79
Acrylic
•
HB1C4J
11,000
146
76
Acrylic
•
HB2C4M
10,750
146
73
•
Polycarbonate
•
HB5C4M
10,750
146
74
Acrylic
•
HB5C4T
10,750
146
74
Acrylic
•
HB2C4K
10,500
146
73
•
Polycarbonate
•
HB7C4M
10,500
146
72
•
Polycarbonate
•
HB5C4J
10,500
137
77
Acrylic
•
HB1C4S
10,500
137
77
Acrylic
•
HB3C4L
9,000
124
72
Acrylic
•
HBWC4L
8,750
135
65
•
Polycarbonate
•
HB4C4L
8,500
124
69
•
Polycarbonate
•
Occupancy Sensor High Bays
HBGCQZ
17,500
172
101
•
Tempered Glass
•
HBGC1T
14,500
161
90
•
Tempered Glass
•
HB1C4T
11,500
146
79
Acrylic
•
HB6C4T
11,500
146
78
Acrylic
•
HB1C4S
11,000
146
76
Acrylic
•
HB5C4S
10,500
137
77
Acrylic
•
HB2C4T
10,500
146
73
•
Polycarbonate
•
HB7C1T
10,250
146
72
•
Polycarbonate
•
HB3C4R
9,000
124
72
Acrylic
•
Variable Dimming High Bays
HBGCMZ
17,500
172
101
•
Tempered Glass
•
HBGC4Z
14,500
161
90
Tempered Glass
•
HB1C4Y
11,500
146
79
Acrylic
•
HB6C4Y
11,500
146
78
Acrylic
•
HB5C4Y
10,750
146
74
Acrylic
•
HB7C4Y
10,500
146
72
•
Polycarbonate
•
HB2C4Y
10,250
146
70
•
Polycarbonate
•
HB2C4X
10,000
137
73
•
Polycarbonate
•
HB3C4W
9,000
124
72
Acrylic
•
HB4C4W
8,500
124
69
•
Polycarbonate
•
STEP Dimming / Occupancy Sensor High Bay
HBGCQQ
17,500
172
101
•
Tempered Glass
•
HBGC1Q
14,500
161
90
•
Tempered Glass
•
HB1C4H
11,500
146
79
Acrylic
•
Variable Dimming / Occupancy Sensor High Bay
HB2C1H
10,250
146
70
•
Polycarbonate
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com