Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBXDC Datasheet(PDF) 1 Page - Dialight Corporation

Part # HBXDC
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXDC Datasheet(HTML) 1 Page - Dialight Corporation

  HBXDC Datasheet HTML 1Page - Dialight Corporation HBXDC Datasheet HTML 2Page - Dialight Corporation HBXDC Datasheet HTML 3Page - Dialight Corporation HBXDC Datasheet HTML 4Page - Dialight Corporation HBXDC Datasheet HTML 5Page - Dialight Corporation HBXDC Datasheet HTML 6Page - Dialight Corporation HBXDC Datasheet HTML 7Page - Dialight Corporation HBXDC Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Patent Pending
DuroSite
® Series LED High Bay
for Indoor and Outdoor Industrial Applications


Similar Part No. - HBXDC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
HBX RUBYCON-HBX Datasheet
176Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
LED globe lamp, 60W incandescent equivalent
logo
CommScope Inc.
HBX-3319DS-A1M COMMSCOPE-HBX-3319DS-A1M Datasheet
367Kb / 4P
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
HBX-3319DS-VTM COMMSCOPE-HBX-3319DS-VTM Datasheet
367Kb / 4P
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
More results

Similar Description - HBXDC

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
DuroSite Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
SafeSite Series LED High Bay Luminaire
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
SafeSite짰 Series LED High Bay
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
DuroSite짰 Series LED High Bay Luminaire - CE Approved
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
DuroSite짰 Series LED Low Bay
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
DuroSite짰 LPK LED Langfeldleuchte
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com