Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPLS4140E-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPLS4140E-13
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS4140E-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPLS4140E-13 Datasheet HTML 1Page - Diodes Incorporated DPLS4140E-13 Datasheet HTML 2Page - Diodes Incorporated DPLS4140E-13 Datasheet HTML 3Page - Diodes Incorporated DPLS4140E-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPLS4140E
Document number: DS31279 Rev. 3 - 2
2 of 4
www.diodes.com
October 2008
© Diodes Incorporated
DPLS4140E
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-180
-230
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-140
-190
⎯
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-7
-8.5
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
-20
-0.5
nA
μA
VCB = -150V, IE = 0
VCB = -150V, IE = 0,
TA = 100°C
Emitter Cutoff Current
IEBO
⎯
⎯
-10
nA
VEB = - 6V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
⎯
⎯
-40
-50
-75
-175
-60
-80
-120
-360
mV
IC = -0.1A, IB = -5mA
IC = -0.5A, IB = -50mA
IC = -1A, IB = -100mA
IC = -3A, IB = -300mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-910
-1040
mV
IC = -3A, IB = -300mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
-810
-930
mV
IC = -3A, VCE = -5V
DC Current Gain
hFE
100
100
45
⎯
⎯
⎯
⎯
12
⎯
300
⎯
⎯
⎯
IC = -10mA, VCE = -5V
IC = -1A, VCE = -5V
IC = -3A, VCE = -5V
IC = -10A, VCE = -5V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
⎯
150
⎯
MHz
IC = -100mA, VCE = -10V,
f = 100MHz
Output Capacitance
Cobo
⎯
55
⎯
pF
VCB = -10V, f = 1MHz
SWITCHING CHARACTERISTICS
Switching Times
ton
toff
⎯
⎯
85
430
⎯
⎯
ns
IC = -1A, IB1 = -100mA
IB2 = 100mA, VCC = -50V
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%
0
0.2
0.4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
A
0.6
0.8
1.0
0
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs. Collector-Emitter Voltage
01
2
3
45
0
0.2
0.4
0.6
0.8
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com