Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR02U100LP-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR02U100LP-7
Description  SURFACE MOUNT SUPER BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR02U100LP-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR02U100LP-7 Datasheet HTML 1Page - Diodes Incorporated SBR02U100LP-7 Datasheet HTML 2Page - Diodes Incorporated SBR02U100LP-7 Datasheet HTML 3Page - Diodes Incorporated SBR02U100LP-7 Datasheet HTML 4Page - Diodes Incorporated SBR02U100LP-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR02U100LP
Document number: DS31134 Rev. 7 - 2
2 of 5
www.diodes.com
June 2011
© Diodes Incorporated
SBR02U100LP
SBR is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectified Output Current (See Figure 1)
IO
250
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
Thermal Resistance, Junction to Ambient (Note 3) TA = 25ºC
Thermal Resistance, Junction to Ambient (Note 4) TA = 25ºC
RθJA
RθJA
270
235
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
100
-
-
V
IR = 1mA
Forward Voltage Drop
VF
-
0.67
0.76
0.60
0.72
0.80
0.65
V
IF = 100mA, TJ = 25ºC
IF = 200mA, TJ = 25ºC
IF = 200mA, TJ = 125ºC
Leakage Current (Note 5)
IR
-
0.04
6
1.0
50
µA
VR = 75V, TJ = 25ºC
VR = 75V, TJ = 85ºC
Notes:
3. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com
4. Polyimide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com
5. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com