Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7938A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7938A
Description  Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7938A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7938A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 1.00
2
April 19, 2012
HT7938A
Block Diagram
S
R
R
Q
1. 2M Hz
OS C
UV LO = 2. 1V
OT P
VI N
GN D
FB
Ra mp
OV P
OV P
Pr ot ec t
39 V
BG
SW
EN
Pin Assignment
SW
GN D
To p Vi ew
VI NE N
FB
12
3
4
6
5
OV P
SO T 23- 6
Pin Description
Pin Name
I/O
Desciption
SW
I
Switching pin. Internal power MOSFET drain. Connected to inductor and diode.
GND
―
Signal Ground.
FB
I
Feedback pin. Reference voltage. The HT7938A feedback voltage is
200mV/300mV. Connect the sense resistor from FB to GND to set the LED
current. Calculate resistor value according to RFB=200mV(300mV)/ILED.
EN
I
Shutdown & Dimming control input. Don't allow this pin to float.
When dimming control input high to low level period more than 20ms and have
no other dimming signal, the device is entered shutdown mode.
VOP
O
Over voltage protection pin which is connected to the output.
VIN
I
Input supply pin. The input supply pin for the IC. Connect VIN to a supply
voltage between 2.6V~5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com