Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT62104 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT62104
Description  Infrared Remote Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT62104 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT62104 Datasheet HTML 1Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 2Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 3Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 4Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 5Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 6Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 7Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 8Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev. 1.00
3
May 07, 2012
HT62104
Absolute Maximum Ratings
SupplyVoltage…………………VSS-0.3VtoVSS+6.5V
InputVoltage……………………VSS-0.3VtoVDD+0.3V
OutputVoltage…………………VSS-0.3VtoVDD+0.3V
StorageTemperature…………………-55°Cto150°C
OperatingTemperature………………-10°Cto70°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Electrical Characteristics
Ta= 25°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
―
―
2.0
―
5.0
V
IDD
Operating Current
3V
No load, C1 and C2 pins
floating
―
0.6
0.9
mA
ISTB
Standby Current
3V
No load, Input pins
floating, Oscillator stops
―
0.1
1.0
μA
VIH
Input High Voltage
(C1~C2, K1~K8)
3V
―
2.1
―
―
V
VIL
Input Low Voltage
(C1~C2, K1~K8)
3V
―
―
―
0.9
V
RPH1
Pull-high Resistor (C1~C2)
3V
―
25
50
75
kΩ
RPH2
Pull-high Resistor (K1~K8)
3V
―
500
900
1500
kΩ
IOH
LED Pin Output Source Current
3V
VOH= 2.7V
-2
―
-5
mA
IOL
DOUT Pin Output Sink Current
3V
VOL= 0.6V
300
350
―
mA
tDW
Single Data Bit Width
2.0V~
3.6V
Ta=25°C, load=1kW for
DOUNT pin
Typ. -
1.5%
1.688
Typ. +
1.5%
ms
0°C < Ta=25°C < 50°C,
load=1kW for DOUNT pin
Typ. -
2.3%
1.688
Typ. +
2.3%
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com