Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12T06AI-SW Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 12T06AI-SW
Description  TRIACs, 12A Snubberless, Logic Level and Standard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12T06AI-SW Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  12T06AI-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12T06AI-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12T06AI-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12T06AI-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12T06AI-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12T06AI-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.nellsemi.com
Page 5 of 6
SEMICONDUCTOR
RoHS
RoHS
10
100
1000
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT
I & I
H
L
T (°C)
j
Fig.9 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
Fig.10 Relative variation of critical rate of
of main current versus (dV/dt)c
decrease
(typical values).
Fig.7 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t.
Fig.8 Relative variation of gate trigger current,holding
current and latching current versus junction
temperature (typical values).
2
2
l
(A), l t(A s)
TSM
l
,
l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j
0.0
0.4
0.8
1.2
1.6
2.4
2.0
2.8
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
12T Series
dI/dt limitation:
50A/µs
T initial=25°C
j
2
I t
ITSM
t (ms)
p
0.01
0.10
1.00
10.00
SW
CW/BW
C
B
(dV/dt)c (V/µs)
TW
4.5
5.0
(dV/dt)c (V/µs)
Fig.11 Relative variation of critical rate of decrease
of main current versus junction temperature
0
1
2
3
4
6
5
(dI/dt)c [T ] (dl/dt)c [
j
T specified ]
j
0
10
20
30
40
50
60
70
80
0
4
8
12
20
16
T (°C)
j
0
25
50
75
100
125
2
Fig.12 D PAK thermal resistance junction to
ambient versus copper surface under
tab (printed circuit board FR4, copper
thickness: 35µm)
Rth(j-a)(°C/W)
2
D PAK
2
S(cm )
24
32
28
36
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com