Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12T10AI-SW Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 12T10AI-SW
Description  TRIACs, 12A Snubberless, Logic Level and Standard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12T10AI-SW Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  12T10AI-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12T10AI-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12T10AI-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12T10AI-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12T10AI-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12T10AI-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.nellsemi.com
Page 1 of 6
SEMICONDUCTOR
12T Series RoHS
RoHS
G
A2
A1
TRIACs, 12A
Snubberless,
and Standard
Logic Level
1
2
3
TO-220AB (lnsulated)
(12TxxAI)
TO-220AB (non-Insulated)
(12TxxA)
SYMBOL
IT(RMS)
RMS on-state current (full sine wave)
TO-263/TO-220AB
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
72
2
A s
dI/dt
Critical rate of rise of on-state current
I = 2xl
, t ≤100ns
G
GT
r
50
IGM
Peak gate current
4
PG(AV)
Average gate power dissipation
1
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
120
126
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F =100 Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
TO-220AB insulated
T = 105ºC
c
T = 90ºC
c
A2
A2
G
A1
2
TO-263 (D PAK)
(12TxxH)
FEATURES
APPLICATIONS
Medium current triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic
for insulated TO-220AB package
High commutation (4Q) or very high
commutation (3Q) capability
12T series are UL certified (File ref: E320098)
Packages are RoHS compliant
ON/OFF or phase angle function in applications
such as static relays, light dimmers and appliance
motors speed controllers.
The snubberless versions (with suffix W) are
especially recommended for use on inductive loads,
because of their high commutation performances.
The 12T series provides an insulated tab (rated at
2500V
).
RMS
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
12
A
V
mA
5 to 50
600 to 1000
12
A2


Similar Part No. - 12T10AI-SW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12T10AIB NELLSEMI-12T10AIB Datasheet
917Kb / 7P
TRIACs
12T10AIBW NELLSEMI-12T10AIBW Datasheet
917Kb / 7P
TRIACs
12T10AICC NELLSEMI-12T10AICC Datasheet
917Kb / 7P
TRIACs
12T10AISW NELLSEMI-12T10AISW Datasheet
917Kb / 7P
TRIACs
12T10AITW NELLSEMI-12T10AITW Datasheet
917Kb / 7P
TRIACs
More results

Similar Description - 12T10AI-SW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com