Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16T08AI-SW Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 16T08AI-SW
Description  TRIACs, 16A Snubberless, Logic Level and Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T08AI-SW Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  16T08AI-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3000
100
1000
0.0
0.01
0.10
1.00
10.00
0.5
1.0
1.5
2.0
2.5
IH&IL
Tj(
°C)
IGT
1.0
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
SEMICONDUCTOR
16T Series RoHS
RoHS
dl/dt limitation:
50A/µs
lTSM
l²t
Tj initial=25
°C
I
(A), I²t(A²S)
TSM
holding current and latching current versus junction
temperature (typical values)
-40
-20
0
20
40
60
80
100
120
140
SW
CW/BW
snubberless and Logic level types
standard types
10.0
100.0
0
25
50
75
100
125
D²PAK
S(cm²)
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
Page 6 of 7
IGT,IH,IL[Tj] / IGT,IH,IL[Tj = 25°C]
Rth(j-a)(°C/W)
Fig7. Non-repetitive surge peak on-state
current for a sinusoidal
Fig.8 Relative variation of gate trigger current
Fig.9 Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Fig.10 Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Fig.11 D²PAK thermal resistance junction to ambient versus
copper surface under tab (printed circuit FR4, copper
thickness: 35µm
www.nellsemi.com
tp(ms)
pulse with width tp<10ms and
corresponding value of l²t



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com