Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T06AF-SW Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 8T06AF-SW
Description  TRIACs, 8A Snubberless, Logic Level and Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T06AF-SW Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  8T06AF-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
8T Series RoHS
RoHS
www.nellsemi.com
Page 4 of 7
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
8 = 8A
06 = 600V
08 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA Snubberless
SW = 10mA Logic Level
TW = 5mA Logic Level
8
T 06
A - BW
Package type
10 = 1000V
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
AF= TO-220F(ISOWAT TO-220AB, insulated)
F = TO-251 (I-PAK)
G = TO-252 (D-PAK)
I
Sensitivity
GT
Fig.1 Maximum power dissipation versus RMS on-state
current (full cycle)
Fig.2 RMS on-state current versus case temperature
(full cycle)
2
H = TO-263 (D PAK)
0
0
1
2
3
4
5
6
7
8
9
10
P (W)
0
0
1
2
3
4
5
6
7
8
9
10
I
(A)
T(RMS)
125
100
75
50
25
8
7
6
5
4
3
2
1
I
(A)
T(RMS)
T (°C)
C
TO-220AB
TO-251
TO-252
TO-263
TO-220AB (
)
insulated
Fig.2-2 RMS on-state current versus ambient
temperature (printed circuit board FR4,
copper thickness: 35µm)
Fig.3 Relative variation of thermal impedance
versus pulse duration.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Tamb(°C)
1E-3
1E-3
1E-2
1E-1
1E+0
K=[Zth/Rth]
Zth(j-c)
2
TO-220AB/D PAK
Zth(j-a)
DPAK/IPAK
Zth(j-a)
tp(s)
5E+2
1E+2
1E+1
1E+0
1E-1
1E-2
2
D PAK
2
(S=1cm )
DPAK
2
(S=0.5cm )
0
25
50
75
100
125
I
(A)
T(RMS)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com