Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55PT08AI Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 55PT08AI
Description  Stansard SCRs, 55A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

55PT08AI Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  55PT08AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 55PT08AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 55PT08AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 55PT08AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 55PT08AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
55PT Series
55PT06xx
Unit
IGT
VGD
IH
mA
dV/dt
VTM
IDRM
IRRM
mA
IL
V = 12V, R = 33Ω
D
L
V = V
, R = 3.3K
D
DRM
L
Ω, R
= 220Ω
GK
I = 500mA, Gate open
T
I = 1.2
×I
G
GT
V = 67% V
Gate open
D
DRM
,
0.2
1000
mA
V
V
mA
V/µs
I = 80A,
T
t = 380µs
P
T = 125°C
j
T = 25°C
j
T = 25°C
j
V
µA
ELECTRICAL SPECIFICATIONS
(T = 25 ºC unless otherwise specified)
J
TEST CONDITIONS
SYMBOL
V =V
, V =V
D
DRM
R
RRM
1.6
10
6
R
= 220Ω
GK
Max.
Max.
Min.
Max.
Max.
Min.
Max.
Max.
Max.
THERMAL RESISTANCE
UNIT
VALUE
SYMBOL
Parameter
VGT
V
1.02
Vto
T = 125°C
j
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
600 V
80 mA
1000 V
55PTxxA/55PTxxAl
55PTxxH
V
V
800 V
V
PACKAGE
TO-220AB
V
V
2
D PAK
80 mA
Rd
mΩ
T = 125°C
j
T = 125°C
j
T = 125°C
j
Max.
Max.
85
Threshold Voltage
Dynamic Resistance
1.5
30
100
130
V
1200 V
V
V
V
V
V
V
V
V
V
V
55PTxxB/55PTxxBI
55PTxxC
80 mA
80 mA
TO-3P
TO-247AB
1600 V
V
V
V
V
Rth(j-c)
Junction to case (DC)
Rth(j-a)
Junction to ambient
0.8
45
60
2
S = 1 cm
0.9
50
2
D PAK/TO-220AB/TO-3P/TO-247AB
TO-220AB insulated/TO-3P insulated
TO-263(
PAK)
2
D
TO-220AB/TO-220AB insulated
TO-3P/TO-247AB/TO-3P insulated
°C/W
°C/W
S=Copper surface under tab
Page 2 of 5
www.nellsemi.com
DELIVERY MODE
Tube
Tube
Tube
,
BASE Q TY
50
50
50
WEIGHT
2.0g
2.3g
2.0g
TO-220AB (insulated)
2
TO-263(D PAK)
PACKAGE
TO-220AB
55PTxxB
55PTxxBI
55PTxxC
MARKING
ORDERING INFORMATION
Note: xx = voltage
ORDERING TYPE
55PTxxA
55PTxxAI
55PTxxH
55PTxxB
55PTxxBI
55PTxxC
55PTxxA
55PTxxAI
55PTxxH
TO-3P insulated
TO-3P
TO-247AB
4.3g
4.8g
5g
Tube
Tube
Tube
30
30
30
55PT08xx
55PT10xx
55PT12xx
55PT16xx
80
40
700
80
100
1000
120
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com