Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T10AF-SW Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 8T10AF-SW
Description  TRIACs, 8A Snubberless, Logic Level and Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T10AF-SW Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  8T10AF-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T10AF-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T10AF-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T10AF-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T10AF-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T10AF-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T10AF-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.nellsemi.com
Page 6 of 7
SEMICONDUCTOR
8T Series RoHS
RoHS
Fig.9 Relative variation of critical rate of decrease
of main current versus junction temperature.
2
Fig.10 DPAK and D PAK Thermal resistance junction
to ambient versus copper surface under tab
(printed circuit board Fr4, copper thickness:
35 µm.)
0
1
2
3
4
5
6
(dI/dt)c [T ] / (dI/dt)c [T specified]
j
j
T (°C)
j
0
10
20
30
40
50
60
70
80
90
100
Rth(j-a) (°C/W)
DPAK
2
D PAK
2
S(cm )
Case Style
4
8
12
16
20
24
28
32
36
40
0
0
25
50
75
100
125
2.87 (0.113)
2.62 (0.103)
9.40 (0.370)
9.14 (0.360)
10.54 (0.415) MAX.
16.13 (0.635)
15.87 (0.625)
PIN
4.06 (0.160)
3.56 (0.140)
1.45 (0.057)
1.14 (0.045)
2.67 (0.105)
2.41 (0.095)
2.65 (0.104)
2.45 (0.096)
5.20 (0.205)
4.95 (0.195)
0.90 (0.035)
0.70 (0.028)
3.91 (0.154)
3.74 (0.148)
1
3
2
4.70 (0.185)
4.44 0.1754
(
)
1.39 (0.055)
1.14 (0.045)
3.68 (0.145)
3.43 (0.135)
8.89 (0.350)
8.38 (0.330)
29.16 (1.148)
28.40 (1.118)
14.22 (0.560)
13.46 (0.530)
0.56 (0.022)
0.36 (0.014)
2.79 (0.110)
2.54 (0.100)
15.32 (0.603)
14.55 (0.573)
TO-220AB
2
TO-263(D PAK)
2.79 (0.110)
0.36 (0.014)
2.79 (0.110)
2.29 (0.090)
1.40 (0.055)
1.19 (0.047)
0 to 0.254 (0 to 0.01)
1.40 (0.055)
1.14 (0.045)
4.83 (0.190)
4.06 (0.160)
10.45 (0.411)
9.65 (0.380)
6.22 (0.245)
9.14 (0.360)
8.13 (0.320)
15.00 (0.591)
0.940 (0.037)
0.686 (0.027)
2.67 (0.105)
2.41 (0.095)
5.20 (0.205)
4.95 (0.195)
15.85 (0.624)
3.56 (0.140)
0.53 (0.021)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com