Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC3510 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBPC3510
Description  Single-Phase Bridge Rectifier, 35A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC3510 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBPC3510 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC3510 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC3510 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Universal 3-way terminals: snap-on, wire
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Case: KBPC, KBPC-W
Epoxy meets UL 94 V-O flammability rating
Terminals: Nickel plated on faston lugs or silver plated on
wire leads,solderable per J-STD-002 and
Polarity: As marked
Weight: 21g (0.74 ozs)
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Single-Phase Bridge Rectifier, 35A
Nell High Power Products
Compliant to RoHS
wrap-around, or PCB mounting
High surge current capability
Low thermal resistance
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICAL DATA
Mounting Torque: 20 inches-lbs. max. (M5 screw)
KBPC35
KBPC3506 Thru KBPC3512
JESD22-B102. Suffix letter “W” added to
indicate wire leads(e.g. KBPC3506W).
1.135 (28.8)
1.115 (28.3)
0.042 (1.07)
0.038 (0.97)
DIA.
0.445 (11.3)
0.421 (10.7)
1.25
(31.8)
MIN.
1.135 (28.8)
1.115 (28.3)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
KBPC-W
1.122 (28.5)
1.10 (28)
0.672 (17.1)
0.632 (16.1)
0.732 (18.6)
0.692 (17.6)
0.094 (2.4)
DIA.
0.25
(6.35)
AC
0.840 (21.3)
0.740 (18.8)
0.582 (14.8)
0.542 (13.8)
0.672 (17.1)
0.632 (16.1)
1.122 (28.5)
1.10 (28)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.445 (11.3)
0.421 (10.7)
KBPC
0.034 (0.86)
0.030 (0.76)
0.732 (18.6)
0.692 (17.6)
0.732 (18.6)
0.692 (17.6)
0.470 (11.9)
0.430 (10.9)
All dimensions in inches (millimeters)
www.nellsemi.com
~
~
+
-


Similar Part No. - KBPC3510

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3510 WTE-KBPC3510 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC3510 SEMTECH-KBPC3510 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC3510 SSE-KBPC3510 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC3510 CHENYI-KBPC3510 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC3510 DCCOM-KBPC3510 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC3510

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35P WTE-KBPC35P Datasheet
55Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35S WTE-KBPC35S Datasheet
66Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505G TAITRON-MB3505G Datasheet
145Kb / 4P
35A Single-Phase Glass Passived Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ35 NELLSEMI-KBJ35 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
MP35S NELLSEMI-MP35S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC3500 DGNJDZ-KBPC3500 Datasheet
45Kb / 2P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com