Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP30 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MTP30
Description  Glass Passivated Three-Phase Bridge Rectifier, 30A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP30 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MTP30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 2 of 3
Nell High Power Products
Device code
30
12
MTP
-
Module type: ”MTP” for 3Ø Brıdge
1
2
3
-
RRM
-
Voltage code: code x 100 = V
I
rating: "30" for 30A
F(AV)
MTP30
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
MTP30
UNIT
08
900
1100
1300
800
1000
1200
12
10
800
1000
1200
V
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum DC blocking voltage
Maximum average forward rectified output current
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
VDC
IF(AV)
VISO
2
I t
2500
1200
30
-40 to 150
500
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
MTP30
UNIT
08
12
10
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
2000
1.1
20
voltage per diod
TEST
CONDITIONS
I =30A
F
T = 25°C
A
T = 150°C
A
THERMAL AND MECHANICAC (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
MTP30
UNIT
08
12
10
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
RθJC
0.44
(2) M6 screw.
Notes
Storage temperature range
TSTG
-40 to 125
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M6
A mounting compound is recommended
and the torque should be rechecked after
a
for the spread
period of 3 hours to allow
of the compound.
4
Nm
Approximate weight
120
torque
g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com