Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLX24C01 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SLX24C01
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C01 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SLX24C01 Datasheet HTML 1Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 2Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 3Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 4Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
4
1998-07-27
Ordering Information
Other types are available on request
– Temperature range (– 55 °C
… + 150 °C)
– Package (die, wafer delivery)
1
Pin Configuration
Figure 1
Pin Configuration (top view)
Type
Ordering Code Package
Temperature
Voltage
SLA 24C01-D/P
Q67100-H3547
P-DIP-8-4
– 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C01-S/P
Q67100-H3495
P-DSO-8-3 – 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C01-D-3/P
Q67100-H3546
P-DIP-8-4
– 40 °C … + 85 °C 2.7 V...5.5 V
SLA 24C01-S-3/P
Q67100-H3494
P-DSO-8-3 – 40 °C … + 85 °C 2.7 V...5.5 V
SLE 24C01-D/P
Q67100-H3545
P-DIP-8-4
– 40°C … + 125 °C 4.5 V...5.5 V
SLE 24C01-S/P
Q67100-H3493
P-DSO-8-3 – 40°C … + 125 °C 4.5 V...5.5 V
SLA 24C02-D/P
Q67100-H3542
P-DIP-8-4
– 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C02-S/P
Q67100-H3537
P-DSO-8-3 – 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C02-D-3/P
Q67100-H3541
P-DIP-8-4
– 40 °C … + 85 °C 2.7 V...5.5 V
SLA 24C02-S-3/P
Q67100-H3536
P-DSO-8-3 – 40 °C … + 85 °C 2.7 V...5.5 V
SLE 24C02-D/P
Q67100-H3540
P-DIP-8-4
– 40°C … + 125 °C 4.5 V...5.5 V
SLE 24C02-S/P
Q67100-H3535
P-DSO-8-3 – 40°C … + 125 °C 4.5 V...5.5 V
IEP02514
N.C.
5
6
7
8
4
3
2
1
V
SS
WP
SCL
SDA
CC
V
N.C.
N.C.
P-DSO-8-3
IEP02515
CC
V
18
WP
V
7
2
SCL
6
3
SDA
5
4
SS
N.C.
N.C.
N.C.
P-DIP-8-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com