Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2109T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL2109T
Description  GreenChip controller for LED lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL2109T Datasheet HTML 7Page - NXP Semiconductors SSL2109T Datasheet HTML 8Page - NXP Semiconductors SSL2109T Datasheet HTML 9Page - NXP Semiconductors SSL2109T Datasheet HTML 10Page - NXP Semiconductors SSL2109T Datasheet HTML 11Page - NXP Semiconductors SSL2109T Datasheet HTML 12Page - NXP Semiconductors SSL2109T Datasheet HTML 13Page - NXP Semiconductors SSL2109T Datasheet HTML 14Page - NXP Semiconductors SSL2109T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SSL2109T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2012
11 of 19
NXP Semiconductors
SSL2109T
GreenChip controller for LED lighting
10. Thermal characteristics
11. Characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air; PCB: 2 cm
3 cm; 2-layer;
35
m Cu per layer
159
K/W
in free air; PCB: JEDEC 2s2p
89
K/W
j-top
thermal resistance from junction
to top
top package temperature measured at
the warmest point on top of the case
0.49
K/W
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage
Ileak(DRAIN)
leakage current on pin DRAIN
VDRAIN = 600 V
-
-
10
A
Ileak(HV)
leakage current on pin HV
VHV = 600 V
-
-
30
A
Supply
VCC
supply voltage
operating range
[1] 8
-
14
V
VCC(startup)
start-up supply voltage
11
12
13
V
VCC(stop)
stop supply voltage
8
9
10
V
VCC(hys)
hysteresis of supply voltage
between VCC(startup) and VCC(stop)
2
-
4.5
V
VCC(rst)
reset supply voltage
4.5
5
5.5
V
VCC(swon)reg
regulator switch-on supply voltage
insufficient dV/dt supply
8.75
9.25
9.75
V
VCC(swoff)reg
regulator switch-off supply voltage
insufficient dV/dt supply
9.5
10
10.5
V
VCC(reg)hys
regulator supply voltage hysteresis VCC(swoff)reg VCC(swon)reg
0.3
-
-
V
VCC(regswon-stop) supply voltage difference between
regulator switch-on and stop
VCC(swon)reg VCC(stop)
0.3
-
-
V
Consumption
Istb(HV)
standby current on pin HV
during start-up or in protection;
VHV = 100 V
300
350
400
A
ICC(INT)
internal supply current
normal operation
-
1.3
-
mA
Capability
Isup(high)HV
high supply current on pin HV
Standby: VHV = 40 V;
VCC < VCC(stop)
1
1.3
1.6
mA
Regulator On: VHV = 40 V;
VCC < VCC(swon)reg after start-up
2
2.3
2.6
mA
Current and SWP
Vth(ocp)SOURCE
overcurrent protection threshold
voltage on pin SOURCE
V/t = 0.1 V/s
480
500
520
mV
V/t = 0.1 V/s; V
NTC = 0.325 V
230
250
270
mV
td(ocp-swoff)
delay time from overcurrent
protection to switch-off
V/t = 0.1 V/s
-
75
100
ns
tleb
leading edge blanking time
overcurrent protection
260
300
340
ns
short-winding protection
210
250
290
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com