Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS4128 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 17Page - Texas Instruments ADS4128 Datasheet HTML 18Page - Texas Instruments ADS4128 Datasheet HTML 19Page - Texas Instruments ADS4128 Datasheet HTML 20Page - Texas Instruments ADS4128 Datasheet HTML 21Page - Texas Instruments ADS4128 Datasheet HTML 22Page - Texas Instruments ADS4128 Datasheet HTML 23Page - Texas Instruments ADS4128 Datasheet HTML 24Page - Texas Instruments ADS4128 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
PowerSupply
AVDD,DRVDD
RESET
SEN
t
1
t
2
t
3
ADS4128
www.ti.com
SBAS578 – MAY 2012
RESET TIMING CHARACTERISTICS
NOTE: A high pulse on the RESET pin is required in the serial interface mode in case of initialization through hardware reset. For parallel
interface operation, RESET must be permanently tied high.
Figure 11. Reset Timing Diagram
RESET TIMING REQUIREMENTS
Typical values are at +25°C and minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX
= +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay from power-up of AVDD and DRVDD to RESET
t1
Power-on delay
1
ms
pulse active
10
ns
Pulse width of active RESET signal that resets the
t2
Reset pulse width
serial registers
1(1)
µs
t3
Delay from RESET disable to SEN active
100
ns
(1)
The reset pulse is needed only when using the serial interface configuration. If the pulse width is greater than 1 µs, the device can enter
the parallel configuration mode briefly and then return back to serial interface mode.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com