Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906CDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906CDB Datasheet(HTML) 1 Page - Texas Instruments

  PCM2906CDB Datasheet HTML 1Page - Texas Instruments PCM2906CDB Datasheet HTML 2Page - Texas Instruments PCM2906CDB Datasheet HTML 3Page - Texas Instruments PCM2906CDB Datasheet HTML 4Page - Texas Instruments PCM2906CDB Datasheet HTML 5Page - Texas Instruments PCM2906CDB Datasheet HTML 6Page - Texas Instruments PCM2906CDB Datasheet HTML 7Page - Texas Instruments PCM2906CDB Datasheet HTML 8Page - Texas Instruments PCM2906CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
Stereo Audio Codec
with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Check for Samples: PCM2906C
1
FEATURES
•
Stereo DAC:
– Analog Performance at VBUS = 5 V:
234
•
On-Chip USB Interface:
– THD+N = 0.005%
– With Full-Speed Transceivers
– SNR = 96 dB
– Fully Compliant with USB 2.0 Specification
– Dynamic Range = 93 dB
– Certified by USB-IF
– Oversampling Digital Filter:
– USB Adaptive Mode for Playback
– Passband Ripple = ±0.1 dB
– USB Asynchronous Mode for Record
– Stop-Band Attenuation = –43 dB
– Bus Powered
– Single-Ended Voltage Output
•
16-Bit Delta-Sigma ADC and DAC
– Analog LPF Included
•
Sampling Rate:
•
Multifunctions:
– DAC: 32, 44.1, 48 kHz
– Human Interface Device (HID) Function:
– ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
– Volume and Mute Controls
•
On-Chip Clock Generator with Single 12-MHz
Clock Source
– Suspend Flag Function
•
S/PDIF Input/Output
•
28-Pin SSOP Package
•
Single Power Supply:
APPLICATIONS
– 5 V Typical (VBUS)
•
USB Audio Speaker
•
Stereo ADC:
•
USB Headset
– Analog Performance at VBUS = 5 V:
•
USB Monitor
– THD+N = 0.01%
•
USB Audio Interface Box
– SNR = 89 dB
– Dynamic Range = 89 dB
DESCRIPTION
– Decimation Digital Filter:
The PCM2906C is Texas Instruments
' single-chip,
– Passband Ripple = ±0.05 dB
USB, stereo audio codec with a USB-compliant
full-speed protocol controller and S/PDIF. The USB
– Stop-Band Attenuation = –65 dB
protocol controller requires no software code. The
– Single-Ended Voltage Input
PCM2906C
employs
SpAct
™
architecture,
TI
's
– Antialiasing Filter Included
unique system that recovers the audio clock from
– Digital HPF Included
USB packet data. On-chip analog PLLs with SpAct
enable playback and record with low clock jitter, as
well as independent playback and record sampling
rates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2906CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2906CDB TI2-PCM2906CDB Datasheet
520Kb / 33P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
NOVEMBER 2011
PCM2906CDB TI2-PCM2906CDB Datasheet
524Kb / 34P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
NOVEMBER 2011
PCM2906CDB.B TI2-PCM2906CDB.B Datasheet
520Kb / 33P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
NOVEMBER 2011
PCM2906CDB.B TI2-PCM2906CDB.B Datasheet
524Kb / 34P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
NOVEMBER 2011
PCM2906CDBR TI2-PCM2906CDBR Datasheet
520Kb / 33P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
NOVEMBER 2011
More results

Similar Description - PCM2906CDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com