Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 2Page - Texas Instruments SN6501DBVT Datasheet HTML 3Page - Texas Instruments SN6501DBVT Datasheet HTML 4Page - Texas Instruments SN6501DBVT Datasheet HTML 5Page - Texas Instruments SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments SN6501DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
T1 = 1:2.0 (MA5632-AL from Coilcraft)
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
out
TP1
TP2
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
TP1
TP2
T1 = 1:2.0 (MA5632-AL from Coilcraft)
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
out
0
10
20
30
40
50
60
70
80
90
I
- mA
LOAD
0
20
40
60
80
100
120
140
160
180
200
TP2
TP1
T1 = 1:1.31 (78253/55MC from Murata)
V
= 5 V, V
= 5 V
LDO = TPS73250
IN
out
I
- mA
LOAD
0
20
40
60
80
100
120
140
160
180
200
TP1
TP2
0
1
2
3
4
5
6
7
8
T1 = 1:1.31 (78253/55MC from Murata)
V
= 5 V, V
= 5 V
LDO = TPS73250
IN
out
0
1
2
3
4
5
6
7
8
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
90
100
110
120
TP2
TP1
T1 = 1:1.31 (78253/55MC from Murata)
V
= 3.3 V, V
= 3.3 V
LDO = TPS76333
IN
out
0
10
20
30
40
50
60
70
80
90
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
90
100
110
120
TP1
TP2
T1 = 1:1.31 (78253/55MC from Murata)
V
= 3.3 V, V
= 3.3 V
LDO = TPS76333
IN
out
SN6501
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
TYPICAL OPERATING CHARACTERISTICS (continued)
Typical Curves in Figure 4 through Figure 23 are measured with Circuit in Figure 3 at TP1 and TP2. TA = 25°C unless
otherwise noted.
Figure 10. Output Voltage vs Load Current
Figure 11. Efficiency vs Load Current
Figure 12. Output Voltage vs Load Current
Figure 13. Efficiency vs Load Current
Figure 14. Output Voltage vs Load Current
Figure 15. Efficiency vs Load Current
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com