Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 49 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 45Page - Texas Instruments UCD3138RGCT Datasheet HTML 46Page - Texas Instruments UCD3138RGCT Datasheet HTML 47Page - Texas Instruments UCD3138RGCT Datasheet HTML 48Page - Texas Instruments UCD3138RGCT Datasheet HTML 49Page - Texas Instruments UCD3138RGCT Datasheet HTML 50Page - Texas Instruments UCD3138RGCT Datasheet HTML 51Page - Texas Instruments UCD3138RGCT Datasheet HTML 52Page - Texas Instruments UCD3138RGCT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Digital Comparator 0
Control
Digital Comparator 1
Control
Digital Comparator 2
Control
Digital Comparator 3
Control
Front End
Control 0
Front End
Control 1
Front End
Control 2
Analog
Comparator 0
Analog Comparator 0
Control
Analog
Comparator 1
Analog Comparator 1
Control
Analog
Comparator 2
Analog Comparator 2
Control
Analog
Comparator 3
Analog Comparator 3
Control
Analog
Comparator 4
Analog Comparator 4
Control
Analog
Comparator 5
Analog Comparator 5
Control
Analog
Comparator 6
Analog Comparator 6
Control
External GPIO
Detection
fault[2:0]
DPWM 0
DPWM 1
DPWM 2
DPWM 3
DPWM 0
Fault Control
DPWM 1
Fault Control
DPWM 2
Fault Control
DPWM 3
Fault Control
Analog Comparator
Automated Ramp
DCM Detection
HFO/LFO
Fail Detect
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
Figure 4-2. Fault Mux Block Diagram
4.15 Communication Ports
4.15.1 SCI (UART) Serial Communication Interface
A maximum of two independent Serial Communication Interface (SCI) or Universal Asynchronous
Receiver/Transmitter (UART) interfaces are included within the device for asynchronous start-stop serial
data communication (see the pin out sections for details) Each interface has a 24 bit prescaler for
supporting programmable baud rates and has programmable data word and stop bit options. Half or full
duplex operation is configurable through register bits. A loop back feature can also be setup for firmware
verification. Both SCI-TX and SCI-RX pin sets can be used as GPIO pins when the peripheral is not being
used.
4.15.2 PMBUS
The PMBus Interface supports independent master and slave modes controlled directly by firmware
through a processor bus interface. Individual control and status registers enable firmware to send or
receive I2C, SMBus or PMBus messages in any of the accepted protocols, in accordance with the I2C
Specification, SMBus Specification (Version 2.0) and the PMBUS Power System Management Protocol
Specification.
The PMBus interface is controlled through a processor bus interface, utilizing a 32-bit data bus and 6-bit
address bus. The PMBus interface is connected to the expansion bus, which features 4 byte write
enables, a peripheral select dedicated for the PMBus interface, separated 32-bit data buses for reading
and writing of data and active-low write and output enable control signals. In addition, the PMBus Interface
connects directly to the I2C/SMBus/PMBus Clock, Data, Alert, and Control signals.
Example: PMBus Address Decode via ADC12 Reading
The user can allocate 2 pins of the 12-bit ADC input channels, AD_00 and AD_01, for PMBus address
decoding. At power-up the device applies IBIAS to each address detect pin and the voltage on that pin is
captured by the internal 12-bit ADC.
Where bin(VAD0x) is the address bin for one of 12 address as shown inFigure 4-3.
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
49
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com