Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 53 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 49Page - Texas Instruments UCD3138RHAR Datasheet HTML 50Page - Texas Instruments UCD3138RHAR Datasheet HTML 51Page - Texas Instruments UCD3138RHAR Datasheet HTML 52Page - Texas Instruments UCD3138RHAR Datasheet HTML 53Page - Texas Instruments UCD3138RHAR Datasheet HTML 54Page - Texas Instruments UCD3138RHAR Datasheet HTML 55Page - Texas Instruments UCD3138RHAR Datasheet HTML 56Page - Texas Instruments UCD3138RHAR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
4.19 Global I/O
Up to 30 pins in UCD31xx can be configured to serve as a general purpose input or output pin (GPIO).
This includes all digital input or output pins except for the RESET pin.
The pins that cannot be configured as GPIO pins are the supply pins, ground pins, ADC-12 analog input
pins, EADC analog input pins and the RESET pin.
There are two ways to configure and use the digital pins as GPIO pins:
1. Through the centralized Global I/O control registers.
2. Through the distributed control registers in the specific peripheral that shares it pins with the standard
GPIO functionality.
The Global I/O registers offer full control of:
1. Configuring each pin as a GPIO.
2. Setting each pin as input or output.
3. Reading the pin’s logic state, if it is configured as an input pin.
4. Setting the logic state of the pin, if it is configured as an output pin.
5. Connecting pin/pins to high rail through internal pull up resistors.
The Global I/O registers include Global I/O EN register, Global I/O OE Register, Global I/O Open Drain
Control Register, Global I/O Value Register and Global I/O Read Register.
The following is showing the format of Global I/O EN Register (GLBIOEN) as an example:
BIT NUMBER
29:0
Bit Name
GLOBAL_IO_EN
Access
R/W
Default
00_0000_0000_0000_0000_0000_0000_0000
Bits 29-0: GLOBAL_IO_EN – This register enables the global control of digital I/O pins
0 = Control of IO is done by the functional block assigned to the IO (Default)
1 = Control of IO is done by Global IO registers.
PIN NUMBER
BIT
PIN_NAME
UCD3138-64 PIN
UCD3138-40 PIN
29
FAULT[3]
43
NA
28
ADC_EXT_TRIG
12, 26
8
27
TCK
37
21
26
TDO
38
20
25
TMS
40
24
24
TDI
39
23
23
SCI_TX[1]
29
NA
22
SCI_TX[0]
14
22
21
SCI_RX[1]
30
NA
20
SCI_RX[0]
13
23
19
TMR_CAP
12, 26, 41
8, 21
18
TMR_PWM[1]
32
NA
17
TMR_PWM[0]
12, 26, 31, 37
21
16
PMBUS-CLK
15
9
15
PMBUS-DATA
16
10
14
CONTROL
30
20
13
ALERT
29
19
12
EXT_INT
26, 34
NA
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
53
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com