Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1720 Datasheet(PDF) 3 Page - ams AG

Part # AS1720
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720 Datasheet(HTML) 3 Page - ams AG

  AS1720 Datasheet HTML 1Page - ams AG AS1720 Datasheet HTML 2Page - ams AG AS1720 Datasheet HTML 3Page - ams AG AS1720 Datasheet HTML 4Page - ams AG AS1720 Datasheet HTML 5Page - ams AG AS1720 Datasheet HTML 6Page - ams AG AS1720 Datasheet HTML 7Page - ams AG AS1720 Datasheet HTML 8Page - ams AG AS1720 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
3 - 12
AS1720
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
VDDHV, OUT
-0.9
+55
V
VDDA, DUTY, ENN, IE, IH
-0.3
+5
V
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78 @85°C
Electrostatic Discharge
Electrostatic Discharge HBM
+/- 1.5
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Thermal Resistance
θJA
+36
ºC/W
Junction Temperature TJ
+140
ºC
Internally limited
Storage Temperature Range
-55
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity
5
85
%
Non-condensing
Moisture Sensitive Level
1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com