Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX0430/PC Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # FX0430/PC
Description  Panel/PC Mounting Captive Carriers Touchproof, PC3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0430/PC Datasheet(HTML) 1 Page - Elektron Components Ltd.

  FX0430/PC Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
149
FUSEHOLDERS
FX0460
FX0430/63
Protection Category PC3
Fuse Size 5 x 20mm
Panel Sizes 1.0, 1.5, 2.0 and
3.0mm
Captive Drawer
10A, 250V (16A, 250V UL)
2.8, 4.8 or 6.3 tabs
Protection Category PC3
Fuse Size 5 x 20mm
Screw Cap/Screwdriver
Release
Captive Fuse Carrier
10A, 250V (16A, 250V UL)
Specification
FX0430/Termination
FX0430/PC
FX0460
Fuse Size:
5 x 20mm
5 x 20mm
5 x 20mm
Fuse Carrier:
Captive Drawer
Captive Drawer
Screw cap/Screwdriver release
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab),
/PC (PC spills)
Solder tags
/63 (6.3mm tab)
Max. Rating:
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
Max. Power Dissipation:
2.5W (@ 23ºC)
2.5W (@ 23ºC)
1.6W (@ 23ºC)
Insulation Resistance:
>10M
Ω @ 500V d.c.
>10M
Ω @ 500V d.c.
>10M
Ω @ 500V d.c.
A.C. Breakdown:
>2kV
>2kV
>2kV
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
Mouldings:
Body/Drawer:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Polyester UL94V-0 rated
Cap:
Nylon UL94V-0 rated
Nut:
Glass Filled Nylon UL94V-0 rated
Contacts:
Contact tags: Brass, Tin Plated
Contact tags: Brass, Tin Plated
Brass, Silver Plated
Fuse Clips: Phospher Bronze, Nickel Plated
Fuse Clips: Phospher Bronze, Nickel Plated
Approvals:
Accessories:
P.No. 11327 (See page 163)
Note:
See page 164 for PC version
Compliant
Compliant
Compliant
Panel/PC Mounting Captive Carriers Touchproof, PC3
SNAP FIT TO PANEL
PANEL MOUNT
RoHS
FX0430/PC
Protection Category PC3
Fuse Size 5 x 20mm
Panel Sizes 1.0, 1.5, 2.0 and
3.0mm
Captive Drawer
10A, 250V (16A, 250V UL)
PC spills
SNAP FIT TO PANEL
pending
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 149


Similar Part No. - FX0430/PC

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
More results

Similar Description - FX0430/PC

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0357 BULGIN-FX0357 Datasheet
91Kb / 1P
Panel Mounting and Snap Fit Touchproof, PC2
FX0415 BULGIN-FX0415 Datasheet
80Kb / 1P
Panel Mounting Touchproof, PC2
FX0417 BULGIN-FX0417 Datasheet
78Kb / 1P
Panel Mounting and Snap Fit Touchproof, PC2
FX0419 BULGIN-FX0419 Datasheet
99Kb / 1P
Panel Mounting Touchproof, Sealed to IP68, PC2
FX0454 BULGIN-FX0454 Datasheet
114Kb / 1P
Panel Mounting and Snap Fit Touchproof, PC2
FX0461 BULGIN-FX0461 Datasheet
110Kb / 1P
PC Mounting PC1, PC2 and PC3
logo
List of Unclassifed Man...
8710 ETC2-8710 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
C&K Components
V701 CK-COMPONENTS-V701 Datasheet
279Kb / 4P
Snap-in panel and PC mounting
logo
RAF ELECTRONIC HARDWARE
0382-SS RAF-0382-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0819-SS RAF-0819-SS Datasheet
81Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com