Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP0022/Col Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # MP0022/Col
Description  Push Button
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0022/Col Datasheet(HTML) 1 Page - Elektron Components Ltd.

  MP0022/Col Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
195
MP0022/Col
S.P. Push to Make
Solder Tags
Nylon Body & Button
Specification
MP0022/Colour
Terminations:
Solder Tags
Switching:
S.P. Push to Make
Slow Momentary Action
Max. Rating:
0.25A. 250Vac, 0.5A. 110Vac,
1A. 0.1 to 28Vac/dc
Contact Resistance:
<15m
Ω
Insulation Resistance:
>104 M
Ω
Dielectric Strength:
>2.5kVac
Operating Temp. Range:
–20˚C to +70˚C
Sealing:
Materials:
Moulding:
Nylon
Tags:
Brass, Silver Plated
Body:
Nylon
Contacts/Terms:
Brass, Silver Plated
Variants:
Button Colours: Standard - Black,
/WH (White) and /RD (Red).
/TERM - (Screw terminals)
Compliant
Push Button
FRONT PANEL MOUNTING
RoHS
SWITCHES
NO
NC
NO
S.P. Push to Make
S.P.M.B.
S.P.C.O.
D.P.C.O.
D.P.M.B.
SWITCH CONTACT OPERATION
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 195


Similar Part No. - MP0022/Col

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
1Mb / 24P
Switches
More results

Similar Description - MP0022/Col

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
GPTS203211BR2 CWIND-GPTS203211BR2 Datasheet
42Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Schneider Electric
9001KR25GM SCHNEIDER-9001KR25GM Datasheet
151Kb / 5P
Momentary Push Button
Dec 23, 2021
logo
Littelfuse
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com