Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL034 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # MPL034
Description  Stainless Steel Low Profile Vandal Resistant - Latching
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MPL034 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  MPL034 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
177
SWITCHES
MPL031
Sealed to IP66
MPL034
Specification
MPL031
MPL034
Terminations:
Solder Tags
Solder Tags
Switching:
S.P.M.B. - Latching
S.P.M.B. - Latching
Max. Rating:
2A, 50Vac/dc
2A, 50Vac/dc
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω
Dielectric Strength:
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP66 EN60529
1992 (Switch not sealed)
Operations
Mechanical:
8,000 (min)
8,000 (min)
Electrical:
8,000 (min)
8,000 (min)
Operating Pressure:
5.5N (typ)
5.5N (typ)
Rear Nut Fixing Torque:
0.57Nm
–
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Contacts:
Fine Silver
Fine Silver
Thread size:
0.747" x 26TPI
-
Compliant
Compliant
Front Panel Sealed to IP66
21.5mm diameter
2A, 50Vac/dc
Single pole push to make
Latching switch
Rear Panel Mounting
Flush with Panel
19mm diameter
2A, 50Vac/dc
Single pole push to make
Latching switch
Stainless Steel Low Profile Vandal Resistant - Latching
REAR PANEL MOUNTING
RoHS
FRONT PANEL MOUNTING
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 177


Similar Part No. - MPL034

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MPL034 BULGIN-MPL034 Datasheet
1Mb / 24P
Switches
More results

Similar Description - MPL034

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0027 BULGIN-MP0027 Datasheet
98Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Momentary
MP0037 BULGIN-MP0037 Datasheet
92Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Momentary
MP0050 BULGIN-MP0050 Datasheet
74Kb / 1P
Stainless Steel Large Diameter Vandal Resistant - Momentary
MPB038 BULGIN-MPB038 Datasheet
102Kb / 1P
Low Profile Brass Chrome Plated Vandal Resistant
MPD031 BULGIN-MPD031 Datasheet
64Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Momentary - Double Pole
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
Stainless Steel Illuminated Vandal Resistant
MPI002 BULGIN-MPI002 Datasheet
75Kb / 1P
Stainless Steel Illuminated Vandal Resistant
MPL027 BULGIN-MPL027 Datasheet
99Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Latching
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
Taoglas antenna solutio...
MA413.A.B.003 TAOGLAS-MA413.A.B.003 Datasheet
2Mb / 33P
Aerodynamic, Super Low-profile Vandal Resistant Housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com