Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0007/28 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PF0007/28
Description  EN60 320-1 Standard Sheet C18 Class II Cold Condition (Fused)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PF0007/28 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PF0007/28 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
85
IEC CONNECTORS
PF0006/28
PF0007/28
PF0016/10/28
EN60 320-1 Standard Sheet C18 Class II Cold Condition (Fused)
Single Fuse 5 x 20mm
Two Pin Class II (No Earth
Pin)
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Single Fuse 5 x 20mm (Fuse
Contacts Isolated)
Two Pin Class II (No Earth
Pin)
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Single Fuse 5 x 20mm
Two Pin Class II (No Earth
Pin)
Fits Panel Sizes 1.0, 1.5, 2.0
or 3.0mm
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Specification
PF0006/Term/Col
PF0007/Term/Col
PF0016/Panel/Term/Col
Fixing (Panel):
Flange
Flange
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab)
/28 (2.8mm solder), /48 (4.8mm tab)
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
/63 (6.3mm tab)
/63 (6.3mm tab)
Colours:
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
10A, 250V a.c.
Contact Resistance:
<10m
Ω (<15mΩ including
<10m
Ω
<10m
Ω (<15mΩ including
Fuseholder)
Fuseholder)
Insulation Resistance:
>103 M
Ω
>103 M
Ω
>103 M
Ω
A.C. Breakdown:
Pole-Pole 5.5kV. Poles-Panel 4kV
Pole-Pole 5.5kV. Poles-Panel 4kV
Pole-Pole 5.5kV. Poles-Panel 4kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–40˚C to +70˚C
Max. Pin Temp.:
+70˚C
+70˚C
+70˚C
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass: Pins, Nickel Plated. Tabs, Tin
Brass: Pins, Nickel Plated. Tabs, Tin
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
Plated
Plated
Approvals:
Accessories / Notes:
P.No. 11987 (See Page 97)
P.No. 11987 (See Page 97)
P.No. 11987 (See Page 97)
(Note: Fuse contacts isolated)
Mating Connectors:
Compliant
Compliant
Compliant
FLANGE MOUNT FUSED INLET
FLANGE MOUNT FUSED INLET
SNAP FIT TO PANEL FUSED INLET
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:44
Page 85


Similar Part No. - PF0007/28

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PF0007/28 BULGINLIMITED-PF0007/28 Datasheet
6Mb / 26P
IEC Connectors
More results

Similar Description - PF0007/28

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX0690 BULGIN-PX0690 Datasheet
121Kb / 1P
EN60 320-1 Standard Sheet C18 Class II Cold Condition
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
logo
List of Unclassifed Man...
PF000128 ETC2-PF000128 Datasheet
1Mb / 27P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com