Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0575/10/PC Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0575/10/PC
Description  EN60 320-1 Standard Sheet C14 Class I Cold Condition
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0575/10/PC Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0575/10/PC Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
77
IEC CONNECTORS
PX0575/10/28
PX0575/10/PC
EN60 320-1 Standard Sheet C14 Class I Cold Condition
Fits Panel Sizes 1, 1.5, 2.0 or
3.0mm
2.8, 4.8, 6.3mm Tabs or
Screw Terminals
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Fits Panel Sizes 1, 1.5, 2.0 or
3.0mm
PC Spills
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Specification
PX0575/Panel/Term/Col
PX0575/Panel/PC/Col
Fixing(Panel):
Snap fit, /10 (1mm), /15 (1.5mm),
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/20 (2mm), /30 (3mm)
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab)
P.C. Spills
/63 (6.3mm tab), /TERM (screw)
Colours:
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
(UL & CSA 15A, 250V a.c.)
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω
A.C. Breakdown:
Pole-Pole 5kV. Poles-Panel 5.4kV
Pole-Pole 5kV. Poles-Panel 5.4kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
Max. Pin Temp.:
+70˚C
+70˚C
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass: Pins, Nickel Plated. Tabs, Tin
Brass: Pins, Nickel Plated.
Plated, Screw Terms, Nickel Plated
Spills, Tin Plated
Approvals:
Accessories / Notes:
P.No. 11328 (See Page 97)
Standard without cover.
With cover add /C to P.No.
Mating Connectors:
PX0587, PX0587/SE, PX0588
PX0587, PX0587/SE, PX0588
Compliant
Compliant
SNAP FIT TO PANEL INLET
PC SNAP FIT TO PANEL INLET
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:43
Page 77


Similar Part No. - PX0575/10/PC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0575/10/PC BULGINLIMITED-PX0575/10/PC Datasheet
1Mb / 25P
IEC Connectors
PX0575/10/PC BULGINLIMITED-PX0575/10/PC Datasheet
6Mb / 26P
IEC Connectors
More results

Similar Description - PX0575/10/PC

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0690 BULGIN-PX0690 Datasheet
121Kb / 1P
EN60 320-1 Standard Sheet C18 Class II Cold Condition
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
logo
List of Unclassifed Man...
PF000128 ETC2-PF000128 Datasheet
1Mb / 27P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com