Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0675/PC Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0675/PC
Description  EN60 320-2-2 Standard Sheet F Class I
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0675/PC Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0675/PC Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
89
IEC CONNECTORS
89
PX0675/28
PX0675/PC
EN60 320-2-2 Standard Sheet F Class I
2.8mm or 6.3mm Tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
PC Spills
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Specification
PX0675/Term/Col
PX0675/PC/Col
Fixing:
Flange
P.C.B./Flange
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab),
P.C. Spills
/63 (6.3mm tab)
Colours:
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
(UL & CSA 15A, 250V a.c.)
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>104 M
Ω
>104 M
Ω
A.C. Breakdown:
Pole-Pole 7kV. Poles-Panel 9kV
Pole-Pole 4kV. Poles-Panel 9kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass, Tin Plated
Brass, Tin Plated
Approvals:
Accessories / Notes:
P.No. 12075, KT0006, 14228
Standard without cover.
(See Pages 95-97)
With cover add /12599 to P.No.,
14228 (see page 96)
Mates with:
PX0685, PX0686, PX0686/SE
PX0685, PX0686, PX0686/SE
Compliant
Compliant
FLANGE MOUNT OUTLET
PC FLANGE REAR MOUNT OUTLET
UR approval does not
cover 4.8mm tab option
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:45
Page 89


Similar Part No. - PX0675/PC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0675/PC BULGINLIMITED-PX0675/PC Datasheet
6Mb / 26P
IEC Connectors
More results

Similar Description - PX0675/PC

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0591 BULGIN-PX0591 Datasheet
107Kb / 1P
EN60 320-2-2 Standard Sheet J & Standard Sheet I, Class I Cold Condition
PX0597 BULGIN-PX0597 Datasheet
125Kb / 1P
EN60 320-1 Standard Sheet C15 Class I & Standard Sheet C16 Class I Hot Condition
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0685 BULGIN-PX0685 Datasheet
117Kb / 1P
EN60 320-2-2 Standard Sheet E Class I Rewirable
PX0695 BULGIN-PX0695 Datasheet
103Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
PX0705 BULGIN-PX0705 Datasheet
99Kb / 1P
EN60 320-2-2 Standard Sheet H Class II
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
PX0717 BULGIN-PX0717 Datasheet
124Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
PX0783 BULGIN-PX0783 Datasheet
134Kb / 1P
EN60 320-2-2 Standard Sheet F Class I Shuttered
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com