Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/02/P Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # PX0911/02/P
Description  900 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0911/02/P Datasheet(HTML) 5 Page - Elektron Components Ltd.

  PX0911/02/P Datasheet HTML 1Page - Elektron Components Ltd. PX0911/02/P Datasheet HTML 2Page - Elektron Components Ltd. PX0911/02/P Datasheet HTML 3Page - Elektron Components Ltd. PX0911/02/P Datasheet HTML 4Page - Elektron Components Ltd. PX0911/02/P Datasheet HTML 5Page - Elektron Components Ltd. PX0911/02/P Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.elektron-bulgin.com
24
Electrical:
No Poles:
2, 3
4, 5
7
10
†
Current Rating:
32A
32A
32A
10A
30A, CSA 25A, CSA 25A, CSA*
Voltage Rating:
600V ac/dc 600V ac/dc 430V ac/dc 250V ac/dc
Contact Resistance:
<10m
Ω (initial)
Insulation Resistance:
>106M
Ω (@ 500V dc)
Dielectric strength:
2.2kV ac min
AC Breakdown voltage:
6kV
Operating
Temperature Range:
–40°C to +85°C
Approvals:
UL
E214972
CSA
1211899
VDE
40003148
CCC
Pending
900 Series Buccaneer®
Mechanical:
Sealing:
IP68, EN60529 :1992 tested @
1.054kg/sq.cm. (15lb/sq.in.) 10m depth for
2 weeks
Cable Acceptance:
PX0911-PX0921 13 - 15mm O/D standard,
7-13mm with gland pack
PXA911-PXA921 20 - 22mm O/D standard,
14 - 20mm with gland pack
Contact Accommodation:
2-7 pole - 2.5 to 4mm2 (13 to10AWG)
conductor, single or multi stranded
10 pole - 0.75 to 2mm2 (14 to 18AWG)
conductor, single or multi stranded
Termination:
Axial screw terminals
Cable Retention force:
22mm dia, 150N
15mm dia, 150N
7mm dia, 80N
Gland Nut Torques:
PX0 range
13-15mm (Yellow - std.)
3.16Nm (28 lbf.in.)
11-13mm (black)
3.16Nm (28 lbf.in.)
9-11mm (white)
3.16Nm (28 lbf.in.)
7-9mm (dark grey)
3.16Nm (28 lbf.in.)
PXA range
20-22mm (Yellow - std.)
3.16Nm (28 lbf.in.)
18-20mm (black)
3.16Nm (28 lbf.in.)
16-18mm (white)
3.16Nm (28 lbf.in.)
14-16mm (dark grey)
3.16Nm (28 lbf.in.)
Tightening Torques:
Panel mount nut
2.25Nm (20 lbf.in.)
Flange & Bulkhead
fixing screws
0.9Nm (8 lbf.in.)
Inserts into Bodies
1.13Nm (10 lbf.in.) to 1.36Nm (12 lbf.in.)
Term screws - 2 to 5 poles
1.0Nm (9 lbf.in.) max
Term screws - 7 pole
0.4Nm (3.5 lbf.in.) max
Term screws - 10 pole
0.25Nm (2.2 lbf.in.) max
Rear thread PX0931 series
M36 x 2-6g
Material:
Body Mouldings:
Polyamide
Flammability Rating:
UL94V-0
UV Resistance:
To EN50021: 1999
Contacts:
Machined Solid Brass, Nickel plated
O Rings:
Nitrile
Panel Sealing Gasket:
Silicone Rubber
Compliant
SPECIFICATION
Dimensions:
Overall dimensions of connectors when mated together
PX0911 + PX0921
230 mm max.
PXA911 + PXA921
270 mm max.
PX0911 + PX0931
135 mm max. (to panel)
PXA911 + PX0931
175 mm max. (to panel)
PX0911 + PX0941
145 mm max. (to panel, mid point on flange)
PXA911 + PX0941
174 mm max. (to panel, mid point on flange)
*with 75ºC min. rated cable
†approvals pending for 10 Pole version
CONTACT LAYOUT
2 pole
3 pole
4 pole
5 pole
7 pole
10 pole
BUCCANEER FOR POWER
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:32
Page 24



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com