Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL85 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SPLPL85
Description  Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLPL85 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SPLPL85 Datasheet HTML 1Page - Siemens Semiconductor Group SPLPL85 Datasheet HTML 2Page - Siemens Semiconductor Group SPLPL85 Datasheet HTML 3Page - Siemens Semiconductor Group SPLPL85 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPL PLxx
(SFH 4884xx)
Semiconductor Group
2
Optical Characteristics
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission wavelength
1)
λ
830
850
870
nm
Spectral width (FWHM)
1)
∆λ
4
nm
Forward current (10 W)
1)
I
f
––
14
A
Threshold current
I
th
–1
–A
Forward voltage (0.1 A)
V
F
–
1.6
–
V
Forward voltage (20 A)
V
F
–6
10
V
Rise and fall time (10% ... 90%)
t
r, tr
210
–
ns
Beam spread at 20 A (FWHM)
θ
|| × θ⊥
–
10
× 30 –
°
Temperature coefficient of wavelength
2)
∂λ / ∂T
0.25
0.27
0.30
nm/K
Temperature coefficient of optical power
∂P/ ∂T
–
– 0.5
–
%/K
Thermal resistance
R
th JA
–
160
–
K/W
1) Standard operating conditions refer to pulses of 50 ns at 10 kHz rate with 10 W peak power into NA = 0.5
2) Depending on emission wavelength.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com