Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXL-AA3-R Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # 78DXXL-AA3-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

78DXXL-AA3-R Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

  78DXXL-AA3-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd 78DXXL-AA3-R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TYPICAL CHARACTERISTICS
0
26
8
2
4
6
Output Voltage vs. Input Voltage
Input Voltage, VIN (V)
01
3
4
5
7
1
3
5
IOUT=0A
VOUT=5V
CIN=0.33uF
COUT=0.1uF
Ta: Room Temprature
IOUT=0.25A
IOUT=0.5A
0
1234567
8
0
1
2
3
4
5
6
Input Voltage, VIN (V)
Circuit Operating Current vs. Input Voltage
IOUT=0A
IOUT=0.25A
IOUT=0.5A
VOUT=5V
CIN=0.33uF
COUT=0.1uF
Ta: Room Temprature
0
2
4
6
Bias Current vs. Junction Temperature
Junction Temperature, TJ (°C)
-25
1
3
5
-5 15 35 55 75 95 115 135 155
VIN=10V
IOUT=0A
4.5
Output Voltage vs. Junction Temperature
Junction Temperature, TJ (°C)
-25 -5 15 35 55 75 95 115 135 155
4.6
4.7
4.8
4.9
5.1
5.2
5.3
5.4
5.5
VIN=10V
IOUT=5.0mA
5.0
1.8
2
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-40 -20
140
120
100
80
60
40
20
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
36
0 3 6 912 15 18 21 24 27 30 33
40
Input Voltage, VIN (V)
Short Current vs. Input Voltage
Junction Temperature, TJ (°C)
Dropout Voltage vs. Junction Temperature
IOUT=0.1A
IOUT=0A
IOUT=0.5A
AMS78DXX
Advanced Monolithic Systems http://www.ams-semitech.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com