Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78MXXL-AA3-R Datasheet(PDF) 6 Page - Advanced Monolithic Systems Ltd

Part # 78MXXL-AA3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

78MXXL-AA3-R Datasheet(HTML) 6 Page - Advanced Monolithic Systems Ltd

  78MXXL-AA3-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd 78MXXL-AA3-R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ELECTRICAL CHARACTERISTICS(Cont.)
For 78M15 (VIN=23V, IOUT=1A, CI =0.33μF, CO=0.1μF,)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~1A
14.4
15
15.6
V
Output Voltage
VOUT
VIN =17.5~30V, IOUT=5mA~1A
14.25
15.75
V
IOUT=5mA~1A
150
mV
Load Regulation
ΔVOUT
IOUT=5mA~200mA
75
mV
VIN=18.5~30V
150
mV
Line Regulation
ΔVOUT
VIN=17.5~30V, IOUT=1A
150
mV
Quiescent Current
IQ
IOUT=1A
8
mA
VIN=17.5~30V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Temperature coefficient of VOUT
ΔVOUT/ΔT IOUT=5mA
-1.8
mV/°C
Ripple Rejection
RR
VIN=18.5~28.5V, f=120Hz
54
70
dB
Peak Output Current
IPEAK
1.
8
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78M18 (VIN=27V, IOUT=1A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~1A
17.28
18
18.72
V
Output Voltage
VOUT
VIN=21~33V,IOUT=5mA~1A
17.1
18.9
V
IOUT=5mA~1A
180
mV
Load Regulation
ΔVOUT
IOUT=5mA~200mA
90
mV
VIN=21~33V
180
mV
Line Regulation
ΔVOUT
VIN=21~33V, IOUT =1A
180
mV
Quiescent Current
IQ
IOUT=1A
8
mA
VIN=21.5~33V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-2.2
mV/°C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.
8
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
Advanced Monolithic Systems http://www.ams-semitech.com
6
AMS78MXX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com