Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78MXXG-AA3-R Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # 78MXXG-AA3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

78MXXG-AA3-R Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  78MXXG-AA3-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd 78MXXG-AA3-R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Cont.)
For 78M08 (VIN=14V, IOUT=1A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~1A
7.68
8
8.32
V
Output Voltage
VOUT
VIN=10.5~23V, IOUT=5mA~1A
7.6
8.4
V
IOUT=5mA~1A
80
mV
Load Regulation
ΔVOUT
IOUT=5mA~200mA
40
mV
VIN =10.5~25V
80
mV
Line Regulation
ΔVOUT
VIN =10.5~23V, IOUT=1A
80
mV
Quiescent Current
IQ
IOUT=1A
8
mA
VIN =10.5~23V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature coefficient of VOUT
ΔVOUT/ΔT IOUT=5mA
-0.9
mV/°C
Ripple Rejection
RR
VIN =11.5~21.5V, f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.
8
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78M09 (VIN=15V, IOUT=1A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~1A
8.64
9
9.36
V
Output Voltage
VOUT
VIN =11.5~24V,IOUT=5mA~1A
8.55
9.45
V
IOUT=5mA~1A
90
mV
Load Regulation
ΔVOUT
IOUT=5mA~200mA
45
mV
VIN =11.5~25V
90
mV
Line Regulation
ΔVOUT
VIN =11.5~24V, IOUT=1A
90
mV
Quiescent Current
IQ
IOUT=1A
8
mA
VIN=11.5~24V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature coefficient of VOUT
ΔVOUT/ΔT IOUT=5mA
-1.1
mV/°C
Ripple Rejection
RR
VIN=12.5~22.5V,f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.
8
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78M12 (VIN=19V, IOUT=1A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~1A
11.52
12
12.48
V
Output Voltage
VOUT
VIN =14.5~27V,IOUT=5mA~1A
11.4
12.6
V
IOUT=5mA~1A
120
mV
Load Regulation
ΔVOUT
IOUT=5mA~200mA
60
mV
VIN=14.5~30V
120
mV
Line Regulation
ΔVOUT
VIN=14.6~27V, IOUT=1A
120
mV
Quiescent Current
IQ
IOUT=1A
8
mA
VIN =14.5~30V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
75
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-1.5
mV/°C
Ripple Rejection
RR
VIN =15~25V, f=120Hz
55
72
dB
Peak Output Current
IPEAK
1.
8
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
Advanced Monolithic Systems http://www.ams-semitech.com
5
AMS78MXX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com