Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXL-TNA-R Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # 78DXXL-TNA-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

78DXXL-TNA-R Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  78DXXL-TNA-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-TERMINALS 0.5A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The
AMS 78DXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 0.5 A.
FEATURE
* Output Current Up To 0.5 A
* Fixed Output Voltage Of 5V, 6V, 8V, 9V, 12V, 15V and 18V
Available
* Thermal Overload Shutdown Protection
* Short Circuit Current Limiting
* Output Transistor SOA Protection
TO-252
1
TO-251
1
1
TO-252-3
SOT-223
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
78DxxL-AA3-R
78DxxG-AA3-R
SOT-223
I
G
O
Tape Reel
78DxxL-TM3-T
78DxxG-TM3-T
TO-251
I
G
O
Tube
78DxxL-TN3-R
78DxxG-TN3-R
TO-252
I
G
O
Tape Reel
78DxxL-TNA-R
78DxxG-TNA-R
TO-252-3
I
G
O
Tape Reel
Note: 1. xx: Output Voltage, refer to Marking Information
2. Pin Code: I: Input
G: GND
O: Output
AMS78DXX
Advanced Monolithic Systems http://www.ams-semitech.com
1


Similar Part No. - 78DXXL-TNA-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
359Kb / 10P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
339Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
350Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXL-TNA-R ETL-78DXXL-TNA-R Datasheet
355Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78DXXL-TNA-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXX UTC-78TXX Datasheet
171Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_12 Datasheet
350Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_12 Datasheet
195Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_15 Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_17 Datasheet
280Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78TXX UTC-78TXX_V01 Datasheet
362Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com