Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78MXXG-TN3-R Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # 78MXXG-TN3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

78MXXG-TN3-R Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  78MXXG-TN3-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd 78MXXG-TN3-R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-TERMINALS 1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The
AMS 78MXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to
1 A.
FEATURE
* Output Current Up To
1 A
* Fixed Output Voltage Of 5V, 6V, 8V, 9V, 12V, 15V and 18V
Available
* Thermal Overload Shutdown Protection
* Short Circuit Current Limiting
* Output Transistor SOA Protection
TO-252
1
TO-251
1
1
TO-252-3
SOT-223
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
78
MxxL-AA3-R
78
MxxG-AA3-R
SOT-223
I
G
O
Tape Reel
78
MxxL-TM3-T
78
MxxG-TM3-T
TO-251
I
G
O
Tube
78
MxxL-TN3-R
78
MxxG-TN3-R
TO-252
I
G
O
Tape Reel
78
MxxL-TNA-R
78
MxxG-TNA-R
TO-252-3
I
G
O
Tape Reel
Note: 1. xx: Output Voltage, refer to Marking Information
2. Pin Code: I: Input
G: GND
O: Output
AMS78MXX
Advanced Monolithic Systems http://www.ams-semitech.com
1
M


Similar Part No. - 78MXXG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXXG-T60-K UTC-78MXXG-T60-K Datasheet
284Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T60-K UTC-78MXXG-T60-K Datasheet
336Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T60-K UTC-78MXXG-T60-K Datasheet
344Kb / 9P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T60-K UTC-78MXXG-T60-K Datasheet
357Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T60-K UTC-78MXXG-T60-K Datasheet
358Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78MXXG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_09 Datasheet
205Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_11 Datasheet
213Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA_1109 UTC-78DXXA_1109 Datasheet
200Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXA ETL-78DXXA Datasheet
348Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_V01 Datasheet
358Kb / 10P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com