Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS494CD Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS494CD
Description  Internal regulator provides a stable 5V reference supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS494CD Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS494CD Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
42
V
Collector Supply Voltage
VC
42
V
Output Current
IO
250
mA
Amplifier Input Voltage
VIN
VCC + 0.3
V
Power Dissipation (TA = 25
°C)
PD
1 (AMS494CN)
0.9 (AMS494CD)
W
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ + 150
°C
http://www.tc-ic.com
AMS494
Advanced Monolithic Systems http://www.ams-semitech.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com