Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS809Z Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS809Z
Description  Precision supply-voltage monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS809Z Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS809Z Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS809Z Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maximum Ratings
Storage Temperature ............................................................-65oC to +150oC
Ambient Temperature with Power Applied.......................... -40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +6.0V
DC Input Voltage (All inputs except Vcc and GND)......-0.3V to VCC+0.3V
DC Output Current (All outputs) ..........................................................20mA
Power Dissipation .............................................................................. 320mW
Recommended Operation Conditions
Sym
Description
Test Conditions
Min
Typ
Max
Unit
Supply Voltage for 803/09/10(L/M)
-
4.5
5.0
5.5
V
Supply Voltage for 803/09/10(T/S)
-
3.0
3.3
5.5
V
VCC
Supply Voltage for 803/09/10(R/Z)
-
2.7
3.0
5.5
V
TA
Operating Temperature
-
-40
-
85
℃
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
AMS803/09/10
Advanced Monolithic Systems http://www.ams-semitech.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com