Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2263 Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS2263
Description  Extended Burst Mode Control For Improved
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2263 Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS2263 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 11Page - Advanced Monolithic Systems Ltd AMS2263 Datasheet HTML 12Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
sense input is no longer required. The current
limit comparator is disabled and thus cannot turn
off the external MOSFET during the blanking
period. PWM duty cycle is determined by the
current sense input voltage and the FB input
voltage.
•Internal Synchronized Slope Compensation
Built-in slope compensation circuit adds voltage
ramp onto the current sense input voltage for
PWM generation. This greatly improves the close
loop
stability
at
CCM
and
prevents
the
sub-harmonic oscillation and thus reduces the
output ripple voltage.
•
Gate Drive
AMS2263 Gate is connected to an external
MOSFET gate for power switch control. Too weak
the gate drive strength results in higher
conduction and switch loss of MOSFET while too
strong gate drive output compromises the EMI.
A good tradeoff is achieved through the built-in
totem pole gate design with right output strength
and dead time control. The low idle loss and good
EMI system design is easier to achieve with this
dedicated control scheme. An internal 18V clamp
is added for MOSFET gate protection at higher
than expected VDD input.
•
Protection Controls
Good power supply system reliability is achieved
with
its
rich
protection
features
including
Cycle-by-Cycle current limiting (OCP), Over Load
Protection (OLP) and over voltage clamp, Under
Voltage Lockout on VDD (UVLO).
The OCP threshold tracks PWM Duty cycles and
is line voltage compensated to achieve constant
output power limit over the universal input voltage
range with recommended reference design.
At overload condition when FB input voltage
exceeds power limit threshold value for more than
TD_PL, control circuit reacts to shut down the
output power MOSFET. Device restarts when
VDD voltage drops below UVLO limit.
VDD is supplied by transformer auxiliary winding
output. It is clamped when VDD is higher than
threshold value. The power MOSFET is shut
down when VDD drops below UVLO limit and
device enters power on start-up sequence
thereafter.
AMS 2263
8
Advanced Monolithic Systems http://www.ams-semitech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com