Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1228 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 2 Page - Linear Technology

  LT1228_12 Datasheet HTML 1Page - Linear Technology LT1228_12 Datasheet HTML 2Page - Linear Technology LT1228_12 Datasheet HTML 3Page - Linear Technology LT1228_12 Datasheet HTML 4Page - Linear Technology LT1228_12 Datasheet HTML 5Page - Linear Technology LT1228_12 Datasheet HTML 6Page - Linear Technology LT1228_12 Datasheet HTML 7Page - Linear Technology LT1228_12 Datasheet HTML 8Page - Linear Technology LT1228_12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1228
2
1228fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1228CN8#PBF
LT1228CN8#TRPBF
LT1228CN8
8-Lead Plastic DIP
0°C to 70°C
LT1228IN8#PBF
LT1228IN8#TRPBF
LT1228IN8
8-Lead Plastic DIP
–40°C to 85°C
LT1228CS8#PBF
LT1228CS8#TRPBF
1228
8-Lead Plastic SO
0°C to 70°C
LT1228IS8#PBF
LT1228IS8#TRPBF
1228I
8-Lead Plastic SO
–40°C to 85°C
OBSOLETE PACKAGE
LT1228MJ8
LT1228MJ8#TRPBF
LT1228MJ8
8-Lead CERDIP
–55°C to 125°C
LT1228CJ8
LT1228CJ8#TRPBF
LT1228CJ8
8-Lead CERDIP
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Current Feedback Amplifier, Pins 1, 6, 8. ±5V ≤ VS ≤ ±15V, ISET = 0µA,
VCM = 0V unless otherwise noted.
8
7
6
5
4
3
2
1
IOUT
–IN
+IN
V–
ISET
VOUT
V+
GAIN
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
+ –
gm
TJMAX = 150°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (N)
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 175°C, θJA = 100°C/W (J)
OBSOLETE PACKAGE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
l
±3
±10
±15
mV
mV
Input Offset Voltage Drift
l
10
µV/°C
IIN+
Noninverting Input Current
TA = 25°C
l
±0.3
±3
±10
µA
µA
IIN–
Inverting Input Current
TA = 25°C
l
±10
±65
±100
µA
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
6
nV/√Hz
in
Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 10k
1.4
pV/√Hz
Supply Voltage.......................................................
±18V
Input Current, Pins 1, 2, 3, 5, 8 (Note 8) ..............
±15mA
Output Short Circuit Duration (Note 2) .........Continuous
Operating Temperature Range
LT1228C...................................................0
°C to 70°C
LT1228I................................................–40°C to 85°C
LT1228M (OBSOLETE) ...................... –55
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Junction Temperature
Plastic Package................................................. 150
°C
Ceramic Package (OBSOLETE)......................... 175
°C
Lead Temperature (Soldering, 10 sec)...................300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com