Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 4 Page - Linear Technology

  LT3021 Datasheet HTML 1Page - Linear Technology LT3021 Datasheet HTML 2Page - Linear Technology LT3021 Datasheet HTML 3Page - Linear Technology LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3008 Series
4
3008fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
l
245
V
Regulated Output Voltage
LT3008-1.2: VIN = 2V, ILOAD = 100μA
2V < VIN < 45V, 1μA < ILOAD < 20mA
l
1.188
1.176
1.2
1.2
1.212
1.224
V
V
LT3008-1.5: VIN = 2.05V, ILOAD = 100μA
2.05V < VIN < 45V, 1μA < ILOAD < 20mA
l
1.485
1.47
1.5
1.5
1.515
1.53
V
V
LT3008-1.8: VIN = 2.35V, ILOAD = 100μA
2.35V < VIN < 45V, 1μA < ILOAD < 20mA
l
1.782
1.764
1.8
1.8
1.818
1.836
V
V
LT3008-2.5: VIN = 3.05V, ILOAD = 100μA
3.05V < VIN < 45V, 1μA < ILOAD < 20mA
l
2.475
2.45
2.5
2.5
2.525
2.55
V
V
LT3008-3.3: VIN = 3.85V, ILOAD = 100μA
3.85V < VIN < 45V, 1μA < ILOAD < 20mA
l
3.267
3.234
3.3
3.3
3.333
3.366
V
V
LT3008-5: VIN = 5.55V, ILOAD = 100μA
5.55V < VIN < 45V, 1μA < ILOAD < 20mA
l
4.95
4.9
5
5
5.05
5.1
V
V
ADJ Pin Voltage (Notes 3, 4)
VIN = 2V, ILOAD = 100μA
2V < VIN < 45V, 1μA < ILOAD < 20mA
l
594
588
600
600
606
612
mV
mV
Line Regulation (Note 3)
LT3008-1.2: ΔVIN = 2V to 45V, ILOAD = 1mA
LT3008-1.5: ΔVIN = 2.05V to 45V, ILOAD = 1mA
LT3008-1.8: ΔVIN = 2.35V to 45V, ILOAD = 1mA
LT3008-2.5: ΔVIN = 3.05V to 45V, ILOAD = 1mA
LT3008-3.3: ΔVIN = 3.85V to 45V, ILOAD = 1mA
LT3008-5: ΔVIN = 5.55V to 45V, ILOAD = 1mA
LT3008: ΔVIN = 2V to 45V, ILOAD = 1mA
l
l
l
l
l
l
l
1.2
1.5
1.8
2.5
3.3
5
0.6
6
7.5
9
12.5
16.5
25
3
mV
mV
mV
mV
mV
mV
mV
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3008ETS8-1.5
LT3008ETS8-1.5#TR
LTFHG
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-1.5
LT3008ITS8-1.5#TR
LTFHG
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008MPTS8-1.5
LT3008MPTS8-1.5#TR
LTFHG
8-Lead Plastic TSOT-23
–55°C to 125°C
LT3008ETS8-1.8
LT3008ETS8-1.8#TR
LTFHJ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-1.8
LT3008ITS8-1.8#TR
LTFHJ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008MPTS8-1.8
LT3008MPTS8-1.8#TR
LTFHJ
8-Lead Plastic TSOT-23
–55°C to 125°C
LT3008ETS8-2.5
LT3008ETS8-2.5#TR
LTFHM
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-2.5
LT3008ITS8-2.5#TR
LTFHM
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008MPTS8-2.5
LT3008MPTS8-2.5#TR
LTFHM
8-Lead Plastic TSOT-23
–55°C to 125°C
LT3008ETS8-3.3
LT3008ETS8-3.3#TR
LTFHP
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-3.3
LT3008ITS8-3.3#TR
LTFHP
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008MPTS8-3.3
LT3008MPTS8-3.3#TR
LTFHP
8-Lead Plastic TSOT-23
–55°C to 125°C
LT3008ETS8-5
LT3008ETS8-5#TR
LTFHR
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-5
LT3008ITS8-5#TR
LTFHR
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008MPTS8-5
LT3008MPTS8-5#TR
LTFHR
8-Lead Plastic TSOT-23
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com