Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 4 Page - Linear Technology

  LT3021 Datasheet HTML 1Page - Linear Technology LT3021 Datasheet HTML 2Page - Linear Technology LT3021 Datasheet HTML 3Page - Linear Technology LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3009 Series
4
3009fd
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
l
1.6
20
V
Regulated Output Voltage (Note 4)
LT3009-1.2: VIN = 1.7V, ILOAD = 100μA
1.7V < VIN < 20V, 1μA < ILOAD < 20mA
l
1.188
1.176
1.2
1.2
1.212
1.224
V
V
LT3009-1.5: VIN = 2V, ILOAD = 100μA
2V < VIN < 20V, 1μA < ILOAD < 20mA
l
1.485
1.470
1.5
1.5
1.515
1.530
V
V
LT3009-1.8: VIN = 2.3V, ILOAD = 100μA
2.3V < VIN < 20V, 1μA < ILOAD < 20mA
l
1.782
1.764
1.8
1.8
1.818
1.836
V
V
LT3009-2.5: VIN = 3V, ILOAD = 100μA
3V < VIN < 20V, 1μA < ILOAD < 20mA
l
2.475
2.45
2.5
2.5
2.525
2.55
V
V
LT3009-3.3: VIN = 3.8V, ILOAD = 100μA
3.8V < VIN < 20V, 1μA < ILOAD < 20mA
l
3.267
3.234
3.3
3.3
3.333
3.366
V
V
LT3009-5: VIN = 5.5V, ILOAD = 100μA
3.8V < VIN < 20V, 1μA < ILOAD < 20mA
l
4.950
4.900
5
5
5.050
5.100
V
V
ADJ Pin Voltage (Notes 3, 4)
VIN = 1.6V, ILOAD = 100μA
1.6V < VIN < 20V, 1μA < ILOAD < 20mA
l
594
588
600
600
606
612
mV
mV
Line Regulation (Note 3)
LT3009-1.2:
VIN = 1.7V to 20V, ILOAD = 1mA
LT3009-1.5:
VIN = 2.0V to 20V, ILOAD = 1mA
LT3009-1.8:
VIN = 2.3V to 20V, ILOAD = 1mA
LT3009-2.5:
VIN = 3.0V to 20V, ILOAD = 1mA
LT3009-3.3:
VIN = 3.8V to 20V, ILOAD = 1mA
LT3009-5:
VIN = 5.5V to 20V, ILOAD = 1mA
LT3009:
VIN = 1.6V to 20V, ILOAD = 1mA
l
l
l
l
l
l
l
0.8
1.0
1.2
1.7
2.2
3.3
0.4
3.0
3.8
4.5
6.3
8.3
12.5
1.5
mV
mV
mV
mV
mV
mV
mV
Load Regulation (Note 3)
LT3009-1.2: VIN = 1.7V, ILOAD = 1μA to 20mA
LT3009-1.5: VIN = 2V, ILOAD = 1μA to 20mA
LT3009-1.8: VIN = 2.3V, ILOAD = 1μA to 20mA
LT3009-2.5: VIN = 3V, ILOAD = 1μA to 20mA
LT3009-3.3: VIN = 3.8V, ILOAD = 1μA to 20mA
LT3009-5:
VIN = 5.5V, ILOAD = 1μA to 20mA
LT3009:
VIN = 1.6V, ILOAD = 1μA to 20mA
l
l
l
l
l
l
l
1.4
1.8
2.1
2.9
3.9
5.8
0.7
6
7.5
9.0
12.5
16.5
25
3
mV
mV
mV
mV
mV
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 5, 6)
ILOAD = 100μA
ILOAD = 100μA
l
115
180
250
mV
mV
ILOAD = 1mA
ILOAD = 1mA
l
170
250
350
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
250
310
410
mV
mV
ILOAD = 20mA
ILOAD = 20mA
l
280
350
450
mV
mV
Quiescent Current (Notes 6, 7)
ILOAD = 0μA
ILOAD = 0μA
l
3
6
μA
μA
GND Pin Current
VIN = VOUT(NOMINAL) + 0.5V (Notes 6, 7)
ILOAD = 0μA
ILOAD = 100μA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 20mA
l
l
l
l
l
3
6
23
200
450
6
12
50
500
1000
μA
μA
μA
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com