Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3486 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3486
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3486 Datasheet HTML 17Page - Linear Technology LT3486 Datasheet HTML 18Page - Linear Technology LT3486 Datasheet HTML 19Page - Linear Technology LT3486 Datasheet HTML 20Page - Linear Technology LT3486 Datasheet HTML 21Page - Linear Technology LT3486 Datasheet HTML 22Page - Linear Technology LT3486 Datasheet HTML 23Page - Linear Technology LT3486 Datasheet HTML 24Page - Linear Technology LT3486 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3760
21
3760fc
applicaTions inForMaTion
Thermal Considerations
TheinternalpowerdissipationoftheLT3760comesfrom3
main sources: VIN quiescent current (IQ total), VIN current
for GATE switching (IGATE) and the LT3760 LED current
sources. Since the maximum operational VIN voltage is
40V, care should be taken when selecting the switching
frequency and type of external power MOSFET since the
current required from VIN for GATE switching is given by,
IGATE = fOSC • Qg
where Qg is the gate charge (at VGS = INTVCC) specified
for the MOSFET and fOSC is the programmed switching
frequency for the LT3760. A low Qg MOSFET should al-
ways be used when operating the LT3760 from high VIN
voltages. The internal junction temperature of the LT3760
can be estimated as:
TJ=TA+[VIN•(IQTOTAL+(fOSC•Qg))+(8•I(LEDX)•1.1V)]
•
θJA
where, TA is the ambient temperature for the LT3760
IQTOTALrepresentstheVINquiescentcurrentfortheLT3760
(not switching, PWM = 1.5V and CTRL = 0.1V) - illustrated
in the Typical Characteristics Graphs – plus the base cur-
rents of active channels (typically 8 • I(LED)/75).
θJA is
the thermal resistance of the package (28°C/W for the
28-pin TSSOP package).
Example : For a 12W LED driver application requiring 8
strings of 10 LEDs each driven with 40mA, VIN = 24V, fOSC
= 1MHz, Qg (at 7V VGS) = 15nC, I(LEDX) = 40mA, and an
85°C ambient temperature for the LT3760 IC, the LT3760
junction temperature can be approximated as:
TJ = 85°C + [24 • (9.5mA + (8 • 40mA/75) + (1MHz
• 15nC)) + (8 • 40mA • 1.1V)] • 34
= 85°C + [(24 • 28.8mA) + (320mA • 1.1V)] • 34
= 85°C + (0.691W + 0.35W) • 34
= 85°C + 35°C
TJ = 120°C
The exposed pad on the bottom of the package must be
soldered to the ground plane. The ground plane should
be connected to an internal copper ground plane with vias
placed directly under the package to spread out the heat
generated by the LT3760.
Circuit Layout Considerations
As with all switching regulators, careful attention must
be given to PCB layout and component placement to
achieveoptimalthermal,electricalandnoiseperformance.
The exposed pad of the LT3760 should be soldered to a
continuous copper ground plane underneath the device
to reduce die temperature and maximize the power capa-
bility of the IC. The signal ground (GND, pin 24) is down
bonded to the exposed pad near the RT and VC pins.
ISET, RT and VC components should be connected to an
area of ground copper connected to pin 24. The OVPSET
track should be kept away from fast moving signals and
not loaded with an external capacitor. GATE pin turn off
currents escape through a downbond to the exposed pad
and exit the PGND, pin 10. This area of copper and pin
10 should be the power ground (PGND) connection for
the inductor input capacitor, INTVCC capacitor and output
capacitor. A separate bypass capacitor for the VIN pin of
the IC may be required close the VIN pin and connected to
the copper area associated with signal ground, pin 24. To
minimize MOSFET peak current sensing errors the sense
resistor(RS)shouldhaveKelvinconnectionstotheSENSE
pin and the power ground copper area near the pin. The
MOSFET drain rise and fall times are designed to be as
short as possible for maximum efficiency. To reduce the
effects of both radiated and conducted noise, the area of
the copper trace for the MOSFET drain should be kept as
small as possible. Use a ground plane under the switching
regulator to minimize interplane coupling. The Schottky
diode and output capacitor should be placed as close as
possible to the drain node to minimize this high switching
frequency path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com