Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2188 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2188
Description  16-Bit, 20Msps Low Power Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2188 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2188 Datasheet HTML 9Page - Linear Technology LTC2188 Datasheet HTML 10Page - Linear Technology LTC2188 Datasheet HTML 11Page - Linear Technology LTC2188 Datasheet HTML 12Page - Linear Technology LTC2188 Datasheet HTML 13Page - Linear Technology LTC2188 Datasheet HTML 14Page - Linear Technology LTC2188 Datasheet HTML 15Page - Linear Technology LTC2188 Datasheet HTML 16Page - Linear Technology LTC2188 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
2188f
LTC2188
Typical perForMance characTerisTics
Shorted Input Histogram
Integral Non-Linearity (INL)
Differential Non-Linearity (DNL)
OUTPUT CODE
0
–4.0
–3.0
–2.0
–1.0
0
1.0
4.0
3.0
2.0
16384
32768
49152
65536
2188 G01
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
2188 G02
OUTPUT CODE
0
16384
32768
49152
65536
OUTPUT CODE
32836
1000
0
3000
2000
4000
5000
10000
9000
8000
7000
6000
32842
32848
32854
32860
2188 G03
INPUT FREQUENCY (MHz)
0
72
71
70
78
77
76
75
74
73
50
100
150
200
250
300
2188 G04
SINGLE-ENDED
ENCODE
DIFFERENTIAL
ENCODE
SNR vs Input Frequency, –1dBFS,
20Msps, 2V Range
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
90
85
80
75
70
65
100
95
2188 G05
2ND
3RD
2nd, 3rd Harmonic vs Input
Frequency, –1dBFS, 20Msps,
2V Range
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
90
85
80
75
70
65
100
95
2188 G06
2ND
3RD
2nd, 3rd Harmonic vs Input
Frequency, –1dBFS, 20Msps,
1V Range
SFDR vs Input Level,
fIN = 70MHz, 20Msps, 2V Range
INPUT LEVEL (dBFS)
–80
60
50
40
30
20
80
70
90
100
130
120
110
–70 –60 –50 –40 –30 –20 –10
0
2188 G07
dBFS
dBc
IVDD vs Sample Rate, 5MHz,
–1dBFS, Sine Wave Input on
Each Channel
SAMPLE RATE (Msps)
0
34
39
44
29
49
8
12
4
16
20
2188 G08
CMOS OUTPUTS
3.5mA LVDS OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com