Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1865
Description  Serial 12-Bit/14-Bit, 2.8Msps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1865 Datasheet HTML 9Page - Linear Technology LTC1865 Datasheet HTML 10Page - Linear Technology LTC1865 Datasheet HTML 11Page - Linear Technology LTC1865 Datasheet HTML 12Page - Linear Technology LTC1865 Datasheet HTML 13Page - Linear Technology LTC1865 Datasheet HTML 14Page - Linear Technology LTC1865 Datasheet HTML 15Page - Linear Technology LTC1865 Datasheet HTML 16Page - Linear Technology LTC1865 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC1403-1/LTC1403A-1
13
14031fc
APPLICATIONS INFORMATION
internalreference.Therecommendedrangeforanexternal
reference is 2.55V to VDD. An external reference at 2.55V
will see a DC quiescent load of 0.75mA and as much as
3mA during conversion.
INPUT SPAN VERSUS REFERENCE VOLTAGE
The differential input range has a unipolar voltage span
that equals the difference between the voltage at the ref-
erence buffer output VREF at Pin 3, and the voltage at the
ground(ExposedPadGround).Thedifferentialinputrange
of the ADC is ±1.25V when using the internal reference.
The internal ADC is referenced to these two nodes. This
relationship also holds true with an external reference.
DIFFERENTIAL INPUTS
The LTC1403-1/LTC1403A-1 have a unique differential
sample-and-hold circuit that allows inputs from ground
to VDD. The ADC will always convert the bipolar differ-
ence of AIN+ – AIN–, independent of the common mode
voltage at the inputs. The common mode rejection holds
up at extremely high frequencies, see Figure 4. The only
requirement is that both inputs not go below ground or
exceed VDD. Integral nonlinearity errors (INL) and differ-
ential nonlinearity errors (DNL) are largely independent
of the common mode voltage. However, the offset error
will vary. The change in offset error is typically less than
0.1% of the common mode voltage.
Figure 5 shows the ideal input/output characteristics for
the LTC1403-1/LTC1403A-1. The code transitions occur
midway between successive integer LSB values (i.e.,
0.5LSB, 1.5LSB, 2.5LSB, FS – 1.5LSB). The output code
is 2’s complement with 1LSB = 2.5V/16384 = 153µV for
the LTC1403A-1, and 1LSB = 2.5V/4096 = 610µV for the
LTC1403-1. The LTC1403A-1 has 1LSB RMS of random
white noise. Figure 6a shows the LTC1819 converting a
single ended input signal to differential input signals for
optimum THD and SFDR performance as shown in the
FFT plot (Figure 6b).
Figure 4
CMRR vs Frequency
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
14031 F04
10M 100M
Figure 5
LTC1403-1/LTC1403A-1 Transfer
Characteristic
INPUT VOLTAGE (V)
14031 F05
011...111
011...110
011...101
100...000
100...001
100...010
FS – 1LSB
–FS
AIN–
LTC1403A-1
AIN+
C1
47pF TO
1000pF
1
R1
51
C3
1µF
C5
0.1µF
5V
–5V
C4
1µF
R5
1k
1.5VCM
R3
499
R4
499
R6
1k
C2
47pF TO
1000pF
R2
51
C6
0.1µF
VIN
1.25VP-P
MAX
1403A F06a
U1
1/2 LT1819
U2
1/2 LT1819
Figure 6a. The LT1819 Driving the LTC1403A-1 Differentially



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com