Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2255 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2255
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 5 Page - Linear Technology

  LTC2255 Datasheet HTML 1Page - Linear Technology LTC2255 Datasheet HTML 2Page - Linear Technology LTC2255 Datasheet HTML 3Page - Linear Technology LTC2255 Datasheet HTML 4Page - Linear Technology LTC2255 Datasheet HTML 5Page - Linear Technology LTC2255 Datasheet HTML 6Page - Linear Technology LTC2255 Datasheet HTML 7Page - Linear Technology LTC2255 Datasheet HTML 8Page - Linear Technology LTC2255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2201
5
2201f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.15
1.25
1.35
V
VCM Output Tempco
IOUT = 0
±40
ppm/°C
VCM Line Regulation
3.135V ≤ VDD ≤ 3.465V
1
mV/ V
VCM Output Resistance
1mA ≤ | IOUT | ≤ 1mA
2
Ω
COMMON MODE BIAS CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (CLK, OE, DITH, PGA, SHDN, RAND)
VIH
High Level Input Voltage
VDD = 3.3V
l
2V
VIL
Low Level Input Voltage
VDD = 3.3V
l
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
l
±10
μA
CIN
Digital Input Capacitance
(Note 7)
1.5
pF
LOGIC OUTPUTS
OVDD = 3.3V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –10μA
IO = –200μA
l
3.1
3.299
3.29
V
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 160μA
IO = 1.6mA
l
0.01
0.10
0.4
V
V
ISOURCE
Output Source Current
VOUT = 0V
–50
mA
ISINK
Output Sink Current
VOUT = 3.3V
50
mA
OVDD = 2.5V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200μA
2.49
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
OVDD = 1.8V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200μA
1.79
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SFDR
Spurious Free
Dynamic Range
at –25dBFS
Dither “ON”
1MHz Input (2.5V Range, PGA = 0)
1MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
dBFS
5MHz Input (2.5V Range, PGA = 0)
5MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
12.5MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
dBFS
30MHz Input (2.5V Range, PGA = 0)
30MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
dBFS
70MHz Input (2.5V Range, PGA = 0)
70MHz Input (1.667V Range, PGA = 1)
110
110
dBFS
dBFS
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
The
l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com