Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2997 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2997
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2997 Datasheet HTML 2Page - Linear Technology LTC2997 Datasheet HTML 3Page - Linear Technology LTC2997 Datasheet HTML 4Page - Linear Technology LTC2997 Datasheet HTML 5Page - Linear Technology LTC2997 Datasheet HTML 6Page - Linear Technology LTC2997 Datasheet HTML 7Page - Linear Technology LTC2997 Datasheet HTML 8Page - Linear Technology LTC2997 Datasheet HTML 9Page - Linear Technology LTC2997 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2995
6
2995f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Load Regulation of VPTAT –
Voltage vs Current
Single Wire Remote Temperature
Error vs Ground Noise
Load Regulation of VREF –
Voltage vs Current
TA = 25°C, VCC = 3.3V unless otherwise noted.
Delay vs Comparator Overdrive
UV, OV, TO1, TO2 vs Output Sink
Current
Reset Timeout Period
vs Capacitance
OVERDRIVE (mV)
0
200
110
2995 G13
800
600
400
1200
1000
100
FREQUENCY (kHz)
0.1
0.01
0.1
110
1000
2995 G12
1
10
100
VAC = 50mVP-P
TMR PIN CAPACITANCE (nF)
0.1
1
10
100
2995 G15
100
10
1
10000
1000
1000
I (mA)
0
5
10
15
20
25
30
2995 G14
0.6
0.4
0.2
0
1
0.8
35
LOAD CURRENT (mA)
1.78
1.80
1.79
0
2995 G10
1.82
1.81
–4
–2
2
4
VCC = 2.25V
VCC = 3.5V
VCC = 4.5V
VCC = 5.5V
LOAD CURRENT (mA)
–4
1.14
1.18
1.16
–2
0
4
2995 G11
1.20
1.22
2
VCC = 2.25V
VCC = 3.5V
VCC = 4.5V
VCC = 5.5V
240
230
220
2995 G16
250
TA (°C)
–50
200
210
50
100
–25
0
25
75
125 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com