Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4070 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4070
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4070 Datasheet HTML 16Page - Linear Technology LTC4070 Datasheet HTML 17Page - Linear Technology LTC4070 Datasheet HTML 18Page - Linear Technology LTC4070 Datasheet HTML 19Page - Linear Technology LTC4070 Datasheet HTML 20Page - Linear Technology LTC4070 Datasheet HTML 21Page - Linear Technology LTC4070 Datasheet HTML 22Page - Linear Technology LTC4070 Datasheet HTML 23Page - Linear Technology LTC4070 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3109
21
3109fa
PACKAGE DESCRIPTION
4.00 ±0.10
4.00 ±0.10
NOTE:
1. DRAWING IS PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220
VARIATION (WGGD-1)—TO BE APPROVED
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ±0.10
20
19
1
2
BOTTOM VIEW—EXPOSED PAD
2.00 REF
2.45 ±0.10
0.75 ±0.05
R = 0.115
TYP
R = 0.05
TYP
0.25 ±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UF20) QFN 01-07 REV A
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
0.50 BSC
2.00 REF
2.45 ±0.05
3.10 ±0.05
4.50 ±0.05
PACKAGE OUTLINE
PIN 1 NOTCH
R = 0.20 TYP
OR 0.35
45°
CHAMFER
2.45 ±0.10
2.45 ±0.05
UF Package
20-Lead Plastic QFN (4mm
4mm)
(Reference LTC DWG # 05-08-1710 Rev A)
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com