Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1041 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1041
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1041 Datasheet HTML 14Page - Linear Technology LTC1041 Datasheet HTML 15Page - Linear Technology LTC1041 Datasheet HTML 16Page - Linear Technology LTC1041 Datasheet HTML 17Page - Linear Technology LTC1041 Datasheet HTML 18Page - Linear Technology LTC1041 Datasheet HTML 19Page - Linear Technology LTC1041 Datasheet HTML 20Page - Linear Technology LTC1041 Datasheet HTML 21Page - Linear Technology LTC1041 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3109
18
3109fa
APPLICATIONS INFORMATION
The time for VOUT to charge and reach regulation can be
calculated by the formula below, which assumes VOUT is
programmed to 3.3V and COUT is 330μF:
tVOUT =
3.3V • 330μF
ICHG –IVOUT –ILDO
+ tLDO
With 150μA of charge current available and 5μA of load on
both VOUT and VLDO, the time for VOUT to reach regula-
tion after the initial application of power would be 7.81
seconds.
DESIGN EXAMPLE 2
In most pulsed-load applications, the duration, magnitude
and frequency of the load current pulses are known and
fixed. In these cases, the average charge current required
from the LTC3109 to support the average load must be
calculated, which can be easily done by the following:
ICHG ≥ IQ +
IPULSE •tPULSE
T
where IQ is the sleep current supplied by VOUT and VLDO
to the external circuitry in-between load pulses, including
output capacitor leakage, IPULSE is the total load current
during the pulse, tPULSE is the duration of the load pulse
and T is the pulse period (essentially the time between
load pulses).
In this example, IQ is 5μA, IPULSE is 100mA, tPULSE is 5ms
and T is one hour. The average charge current required
from the LTC3109 would be:
ICHG ≥ 5μA +
100mA • 0.005sec
3600sec
= 5.14μA
Therefore, if the LTC3109 has an input voltage that allows
it to supply a charge current greater than just 5.14μA, the
application can support 100mA pulses lasting 5ms every
hour. It can be seen that the sleep current of 5μA is the
dominant factor in this example, because the transmit
duty cycle is so small (0.00014%). Note that for a VOUT
of 3.3V, the average power required by this application is
only 17μW (not including converter losses).
Keep in mind that the charge current available from the
LTC3109 has no effect on the sizing of the VOUT capacitor,
and the VOUT capacitor has no effect on the maximum
allowed pulse rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com