Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3556 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3556
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 17Page - Linear Technology LTC3556 Datasheet HTML 18Page - Linear Technology LTC3556 Datasheet HTML 19Page - Linear Technology LTC3556 Datasheet HTML 20Page - Linear Technology LTC3556 Datasheet HTML 21Page - Linear Technology LTC3556 Datasheet HTML 22Page - Linear Technology LTC3556 Datasheet HTML 23Page - Linear Technology LTC3556 Datasheet HTML 24Page - Linear Technology LTC3556 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
21
3589fe
due to the continuous operation of the MOSFET switch
and rectifier. Since the inductor current is allowed to be
negative in forced continuous operation the step-down
switching regulator has the ability to sink output current.
The LTC3589 automatically forces the step-down switching
regulator into forced continuous mode when dynamically
slewing the DAC voltage reference down.
When the LTC3589 step-down switching regulators are in
Burst Mode operation, they automatically switch between
fixed frequency pulse-skipping operation and hysteretic
Burst Mode control as a function of the load current. At
light loads the step-down switching regulators control the
inductor current directly and use a hysteretic control loop
to minimize both noise and switching losses. While in Burst
Mode operation, the output capacitor is charged to a voltage
slightly higher than the regulation point. The step-down
switching regulator then goes into a low power sleep mode
during which the output capacitor provides the load current.
In sleep mode, most of the switching regulator’s circuitry
is powered off to conserve battery power. When the output
voltage drops below the regulation point the regulator’s
circuitry is powered on and another burst cycle begins. As
the load current increases, the time between burst cycles
decreases. Above a load current about one-quarter rated
output load, the step-down switching regulators will switch
to low noise constant-frequency PWM operation.
Set the mode of operation for the step-down switching
regulators by using the I2C command register SCR1. Each
of the three regulators has independent mode control.
A step-down switching regulator may enter a dropout condi-
tion when its input voltage drops to near its programmed
output voltage. For example, a discharging battery voltage
of 3.4V dropping to the regulators programmed output
voltage of 3.3V. When this happens the duty cycle of the
P-channel MOSFET switch is increased until it turns on
continuously with 100% duty cycle. In dropout, the regu-
lators output voltage equals the regulators input voltage
minus the voltage drops across the internal P-channel
MOSFET and the inductor DC resistance.
OPERATION
Table 5, Table 6, and Table 7 show the I2C command register
settingsusedtocontrolthestep-downswitchingregulators.
Table 5. Step-Down Switching Regulator 1 Command Register
Settings
COMMAND
REGISTER[BIT]
VALUE SETTING
SCR1[1-0]
00*
01
10
Pulse-Skipping Mode
Burst Mode Operation
Forced Continuous Mode
OVEN[0]
0*
1
Disable
Enable
SCR2[0]
LTC3589/LTC3589-1
0*
1
Wait for Output Below 300mV Before Enable
Enable Immediately
SCR2[0]
LTC3589-2
0*
1
Enable Immediately
Wait for Output Below 300mV Before Enable
VCCR[1]
0*
1
Select Register B1DTV1 (V1) Reference
Select Register B1DTV2 (V2) Reference
VCCR[0]
1
Initiate Dynamic Voltage Slew
VRRCR[1-0]
00
01
10
11*
Reference Slew Rate = 0.88mV/μs
Reference Slew Rate = 1.75mV/μs
Reference Slew Rate = 3.5mV/μs
Reference Slew Rate = 7mV/μs
B1DTV1[5]
0*
1
Force PGOOD Low When Slewing
Normal PGOOD Operation When Slewing
B1DTV1[4-0]
11001* DAC Dynamic Target Voltage V1
B1DTV2[4-0]
11001* DAC Dynamic Target Voltage V2
B1DTV2[5]
0*
1
2.25MHz Switching Frequency
1.125MHz Switching Frequency
B1DTV2[6]
0*
1
Switch on Clock Phase 1
Switch on Clock Phase 2
B1DTV2[7]
0*
1
Shutdown Regulator 1 Normally
Keep Regulator 1 Alive
* Denotes Default Power-On Value
Soft-Start
Soft-start is accomplished by gradually increasing the
input reference voltage on each step-down switching
regulator from 0V to the dynamic reference DAC output
level at a rate of 0.8V/ms. This allows each output to
rise slowly, helping minimize inrush current required to
charge up the regulator output capacitor. A soft-start cycle
occurs whenever a regulator is enabled either initially or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com